Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11080 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11080
Description  12-Channel, High-Voltage Battery-Pack Fault Monitors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11080 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11080 Datasheet HTML 1Page - Maxim Integrated Products MAX11080 Datasheet HTML 2Page - Maxim Integrated Products MAX11080 Datasheet HTML 3Page - Maxim Integrated Products MAX11080 Datasheet HTML 4Page - Maxim Integrated Products MAX11080 Datasheet HTML 5Page - Maxim Integrated Products MAX11080 Datasheet HTML 6Page - Maxim Integrated Products MAX11080 Datasheet HTML 7Page - Maxim Integrated Products MAX11080 Datasheet HTML 8Page - Maxim Integrated Products MAX11080 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
12-Channel, High-Voltage
Battery-Pack Fault Monitors
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
UNDERVOLTAGE SET THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
80
0
-20
60
40
1.59
1.60
1.61
1.56
1.57
1.58
1.62
1.63
1.64
1.55
-40
20
100
1.6V SET POINT
MAX
MEAN
MIN
UNDERVOLTAGE CLEAR THRESHOLD
vs. TEMPERATURE (MAX11080)
TEMPERATURE (
°C)
80
0
-20
60
40
1.90
1.92
1.84
1.86
1.88
1.94
1.82
-40
20
100
1.6V SET POINT
MAX
MEAN
MIN
OVERVOLTAGE CLEAR THRESHOLD
vs. TEMPERATURE (MAX11080)
TEMPERATURE (
°C)
80
0
-20
60
40
4.51
4.52
4.53
4.48
4.49
4.50
4.54
4.47
-40
20
100
4.8V SET POINT
MAX
MEAN
MIN
OVERVOLTAGE SET THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
80
0
-20
60
40
4.800
4.802
4.804
4.794
4.796
4.798
4.806
4.792
-40
20
100
4.8V SET POINT
MAX
MEAN
MIN
CD CURRENT DISTRIBUTION
CD PIN CURRENT (
µA)
5.6
6.6
6.0
5.8
6.4
10
15
20
5
25
30
35
0
5.4
6.2
CD CHARGING CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
80
0
-20
60
40
6.00
6.01
6.02
5.97
5.98
5.99
6.03
5.96
-40
20
100
VCD = 0.4V
DCIN SUPPLY CURRENT vs. VDCIN
VDCIN (V)
50
80
40
30
40
50
60
30
70
20
020
60
70
10
4.8V OVERVOLTAGE THRESHOLD
VCELL = VDCIN/12
TA = +105
°C
TA = +25
°C
TA = -40
°C
GNDU SUPPLY CURRENT
vs. GNDU VOLTAGE
VGNDU (V)
50
80
40
30
25
30
35
20
40
45
50
55
15
020
60
70
10
TA = +105
°C
TA = +25
°C
TA = -40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com