Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3061EARZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADM3061EARZ-R7
Description  3.0 V to 5.5 V, 짹12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3061EARZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADM3061EARZ-R7 Datasheet HTML 19Page - Analog Devices ADM3061EARZ-R7 Datasheet HTML 20Page - Analog Devices ADM3061EARZ-R7 Datasheet HTML 21Page - Analog Devices ADM3061EARZ-R7 Datasheet HTML 22Page - Analog Devices ADM3061EARZ-R7 Datasheet HTML 23Page - Analog Devices ADM3061EARZ-R7 Datasheet HTML 24Page - Analog Devices ADM3061EARZ-R7 Datasheet HTML 25Page - Analog Devices ADM3061EARZ-R7 Datasheet HTML 26Page - Analog Devices ADM3061EARZ-R7 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
ADM3061E/ADM3062E/ADM3063E/ADM3064E/ADM3065E/ADM3066E/ADM3067E/ADM3068E
Data Sheet
Rev. G | Page 26 of 27
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AB
14
8
7
1
6.20 (0.2441)
5.80 (0.2283)
4.00 (0.1575)
3.80 (0.1496)
8.75 (0.3445)
8.55 (0.3366)
1.27 (0.0500)
BSC
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0039)
0.51 (0.0201)
0.31 (0.0122)
1.75 (0.0689)
1.35 (0.0531)
0.50 (0.0197)
0.25 (0.0098)
1.27 (0.0500)
0.40 (0.0157)
0.25 (0.0098)
0.17 (0.0067)
COPLANARITY
0.10
8°
0°
45°
Figure 54. 14-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-14)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Marking Code
ADM3061EARZ
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM3061EARZ-R7
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM3061EBRZ
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM3061EBRZ-R7
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM3061EARMZ
−40°C to +85°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
MBY
ADM3061EARMZ-R7
−40°C to +85°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
MBY
ADM3061EBRMZ
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
MC0
ADM3061EBRMZ-R7
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
MC0
ADM3062EACPZ
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [LFCSP]
CP-10-9
MCC
ADM3062EACPZ-R7
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [LFCSP]
CP-10-9
MCC
ADM3062EBCPZ
−40°C to +125°C
10-Lead Lead Frame Chip Scale Package [LFCSP]
CP-10-9
MCD
ADM3062EBCPZ-R7
−40°C to +125°C
10-Lead Lead Frame Chip Scale Package [LFCSP]
CP-10-9
MCD
ADM3062EARMZ
−40°C to +85°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
MC7
ADM3062EARMZ-R7
−40°C to +85°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
MC7
ADM3062EBRMZ
−40°C to +125°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
MC8
ADM3062EBRMZ-R7
−40°C to +125°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
MC8
ADM3063EARZ
−40°C to +85°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
ADM3063EARZ-R7
−40°C to +85°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
ADM3063EBRZ
−40°C to +125°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
ADM3063EBRZ-R7
−40°C to +125°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
ADM3064EARZ
−40°C to +85°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
ADM3064EARZ-R7
−40°C to +85°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
ADM3064EBRZ
−40°C to +125°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
ADM3064EBRZ-R7
−40°C to +125°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
ADM3065EARZ
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM3065EARZ-R7
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM3065EBRZ
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM3065EBRZ-R7
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM3065EARMZ
−40°C to +85°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
MC1
ADM3065EARMZ-R7
−40°C to +85°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
MC1
ADM3065EBRMZ
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
MC2
ADM3065EBRMZ-R7
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
MC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com