Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3061EBRMZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADM3061EBRMZ-R7
Description  3.0 V to 5.5 V, 짹12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3061EBRMZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADM3061EBRMZ-R7 Datasheet HTML 19Page - Analog Devices ADM3061EBRMZ-R7 Datasheet HTML 20Page - Analog Devices ADM3061EBRMZ-R7 Datasheet HTML 21Page - Analog Devices ADM3061EBRMZ-R7 Datasheet HTML 22Page - Analog Devices ADM3061EBRMZ-R7 Datasheet HTML 23Page - Analog Devices ADM3061EBRMZ-R7 Datasheet HTML 24Page - Analog Devices ADM3061EBRMZ-R7 Datasheet HTML 25Page - Analog Devices ADM3061EBRMZ-R7 Datasheet HTML 26Page - Analog Devices ADM3061EBRMZ-R7 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Data Sheet
ADM3061E/ADM3062E/ADM3063E/ADM3064E/ADM3065E/ADM3066E/ADM3067E/ADM3068E
Rev. G | Page 23 of 27
ISOLATED HIGH SPEED RS-485 NODE
Galvanic isolation, with reinforced insulation and 5 kV rms
transient withstand voltage, can be added to the ADM3065E
using Analog Devices, Inc., iCoupler® and isoPower® technology.
The ADuM6401 provides the required quad channels of 5 kV rms
signal isolation, operating at rates up to 25 Mbps, together with
an integrated dc-to-dc converter. The ADuM6401 combines with
the ADM3065E (shown in Figure 48) with the VISO pin configured
for 3.3 V by connecting the VSEL pin to GNDISO and a 5 V supply
connected to VDD1. Operation at 3.3 V ensures the ADM3065E
remains within the load capability of ADuM6401 even at 25 Mbps.
The dc-to-dc converter in the ADuM6401 isoPower device
provides regulated, isolated power to the ADM3065E (and the
ADuM241D). These isoPower devices use high frequency
switching elements to transfer power through the transformers.
Take care during PCB layout to meet emissions standards. See the
AN-0971 Application Note for PCB layout recommendations.
Galvanic isolation of the ADM3065E at the full data rate, up to
50 Mbps, can be implemented using the ADuM241D quad-
channel digital isolator and the ADuM6028 isolated dc-to-dc
converter, as shown in Figure 49. The ADuM6028 is an 8-pin
device that contains a 300 mW dc-to-dc converter optimized to
meet emissions standards on a 2-layer PCB using two ferrite
beads. The ADuM241D operates at a data rate up to 150 Mbps,
and offers the precise timing required to fully support the
ADM3065E at 50 Mbps.
5V
0.1µF
GND1
VISO
VDD1
GNDISO
GND1
VOA
VOB
VOC
VID
VIA
VIB
VIC
VOD
VDDL
VSEL
GNDISO
RO
RE
DE
DI
A
B
D
R
GND
VCC
ADM3065E
FERRITE
BEAD
10nF
5V
0.1µF
0.1µF
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
4-CHANNEL iCOUPLER CORE
ADuM6401
Figure 48. Signal and Power Isolated 25 Mbps RS-485 Solution (Simplified Diagram—All Connections Not Shown)
DECODE
ENCODE
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
GND1
VDD2
VDD1
GND2
GND1
ADuM241D
VOA
VOB
VOC
VID
VIA
VIB
VIC
VOD
DISABLE2,VE2
DISABLE1,VE1
GND2
+5V
+5V
RO
RE
DE
DI
A
B
D
R
GND
VCC
ADM3065E
0.1µF
10nF
10μF
FERRITE BEAD
FERRITE BEAD
0.1µF
0.1µF
GND1
PDIS
VDDP
GND1
GNDISO
GNDISO
VSEL
VISO
1
2
3
4
5
6
8
7
OSC
RECT
REG
PCS
ADuM6028
Figure 49. Signal and Power Isolated 50 Mbps RS-485 Solution (Simplified Diagram—All Connections Not Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com