Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3062EACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADM3062EACPZ-R7
Description  3.0 V to 5.5 V, 짹12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3062EACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADM3062EACPZ-R7 Datasheet HTML 15Page - Analog Devices ADM3062EACPZ-R7 Datasheet HTML 16Page - Analog Devices ADM3062EACPZ-R7 Datasheet HTML 17Page - Analog Devices ADM3062EACPZ-R7 Datasheet HTML 18Page - Analog Devices ADM3062EACPZ-R7 Datasheet HTML 19Page - Analog Devices ADM3062EACPZ-R7 Datasheet HTML 20Page - Analog Devices ADM3062EACPZ-R7 Datasheet HTML 21Page - Analog Devices ADM3062EACPZ-R7 Datasheet HTML 22Page - Analog Devices ADM3062EACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Data Sheet
ADM3061E/ADM3062E/ADM3063E/ADM3064E/ADM3065E/ADM3066E/ADM3067E/ADM3068E
Rev. G | Page 19 of 27
TEST CIRCUITS
VOD2
RL
DI
RL
VOC
Figure 38. Driver Voltage Measurements
VOD3
60Ω
375Ω
375Ω
VCM
DI
Figure 39. Driver Voltage Measurements over Common-Mode Range
CL1
CL2
RLDIFF
DI
Figure 40. Driver Propagation Delay
RL
CL
VCC
S2
DE IN
DE
0V OR VIO
S1
NOTES
1. VIO = VCC FOR ADM3061E/ADM3063E/ADM3065E/ADM3067E.
Figure 41. Driver Enable/Disable
RE
B
RE = 0V
A
CL
VOUT
VIN
INPUT
GENERATOR
Figure 42. Receiver Propagation Delay/Skew
RE
RL
VCC
S2
S1
+1.5V
–1.5V
RE IN
CL
VOUT
NOTES
1. VCC = VIO FOR ADM3062E/ADM3066E/ADM3064E/ADM3068E.
Figure 43. Receiver Enable/Disable from Shutdown
CL
RL VOUT
VCC
RE
S2
D
RE IN
VCC
S1
VCC
R
DI
DE
A
B
NOTES
1. VCC = VIO FOR ADM3062E/ADM3064E/ADM3066E/ADM3068E.
Figure 44. Receiver Enable/Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com