Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3062EBCPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADM3062EBCPZ-R7
Description  3.0 V to 5.5 V, 짹12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3062EBCPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM3062EBCPZ-R7 Datasheet HTML 11Page - Analog Devices ADM3062EBCPZ-R7 Datasheet HTML 12Page - Analog Devices ADM3062EBCPZ-R7 Datasheet HTML 13Page - Analog Devices ADM3062EBCPZ-R7 Datasheet HTML 14Page - Analog Devices ADM3062EBCPZ-R7 Datasheet HTML 15Page - Analog Devices ADM3062EBCPZ-R7 Datasheet HTML 16Page - Analog Devices ADM3062EBCPZ-R7 Datasheet HTML 17Page - Analog Devices ADM3062EBCPZ-R7 Datasheet HTML 18Page - Analog Devices ADM3062EBCPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Data Sheet
ADM3061E/ADM3062E/ADM3063E/ADM3064E/ADM3065E/ADM3066E/ADM3067E/ADM3068E
Rev. G | Page 15 of 27
TYPICAL PERFORMANCE CHARACTERISTICS
0
50
100
150
200
250
300
350
400
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
VCC = 3.3V
VCC = 4.5V
VCC = 5.5V
Figure 15. Shutdown Current (ISHDN) vs. Temperature
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
–40
–25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
RL = 120Ω
NO LOAD
RL = 54Ω
Figure 16. Supply Current (ICC) vs. Temperature, Data Rate = 50 Mbps,
50 Mbps Models, VCC = 3.3 V
0
0.02
0.04
0.06
0.10
0.08
–55
–35
–15
125
105
85
65
45
25
5
TEMPERATURE (°C)
RL = 120Ω
NO LOAD
RL = 54Ω
Figure 17. Supply Current (ICC) vs. Temperature, Data Rate = 50 Mbps,
50 Mbps Models, VCC = 5.0 V
0
0.02
0.04
0.06
0.08
0.10
0.12
0
5
10
15
20
25
30
35
40
45
50
DATA RATE (Mbps)
VCC = 3.3V
VCC = 5.0V
VCC = 5.5V
Figure 18. Supply Current (ICC) vs. Data Rate with 54 Ω Load Resistance,
50 Mbps Models
0
0.01
0.02
0.04
0.06
0.08
0.03
0.05
0.07
0
5
10
15
20
25
30
35
40
45
50
DATA RATE (Mbps)
VCC = 3.3V
VCC = 5.0V
VCC = 5.5V
Figure 19. Supply Current (ICC) vs. Data Rate with No Load Resistance,
50 Mbps Models
0
0.02
0.04
0.06
0.08
0.10
0.12
0
50
100
150
200
250
300
350
400
450
500
DATA RATE (kbps)
VCC = 3.3V, NO LOAD
VCC = 3.3V, 54Ω LOAD
VCC = 5V, NO LOAD
VCC = 5V, 54Ω LOAD
Figure 20. Supply Current (ICC) vs. Data Rate with 54 Ω Load Resistance and
No Load Resistance, 500 kbps Models



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com