Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3062EARMZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM3062EARMZ-R7
Description  3.0 V to 5.5 V, 짹12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3062EARMZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM3062EARMZ-R7 Datasheet HTML 12Page - Analog Devices ADM3062EARMZ-R7 Datasheet HTML 13Page - Analog Devices ADM3062EARMZ-R7 Datasheet HTML 14Page - Analog Devices ADM3062EARMZ-R7 Datasheet HTML 15Page - Analog Devices ADM3062EARMZ-R7 Datasheet HTML 16Page - Analog Devices ADM3062EARMZ-R7 Datasheet HTML 17Page - Analog Devices ADM3062EARMZ-R7 Datasheet HTML 18Page - Analog Devices ADM3062EARMZ-R7 Datasheet HTML 19Page - Analog Devices ADM3062EARMZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
ADM3061E/ADM3062E/ADM3063E/ADM3064E/ADM3065E/ADM3066E/ADM3067E/ADM3068E
Data Sheet
Rev. G | Page 16 of 27
0
10
20
30
40
50
60
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
125
Figure 21. Supply Current (ICC) vs. Temperature, Data Rate = 500 kbps,
500 kbps Models, VCC = 3.0 V
TEMPERATURE (°C)
0
20
40
60
80
100
120
140
–60
–40
–20
0
20
40
60
80
100
120
140
Figure 22. Supply Current (ICC) vs. Temperature, Data Rate = 500 kbps,
500 kbps Models, VCC = 5.5 V
140
160
180
200
220
240
260
280
300
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (
⁰C)
tDPLH AT 5.5V
tDPHL AT 5.5V
tDPLH AT 3.0V
tDPHL AT 3.0V
Figure 23. Driver Differential Propagation Delay vs. Temperature,
500 kbps Models
CH1 1.0V
A CH1
0V
B
W
CH2 1.0V BW
1
2
ROUT
VID
Figure 24. Receiver Propagation Delay (Oscilloscope Plot),
Data Rate = 500 kbps, VID ≥ 1.5 V
CH1 3.0V
CH2 2.0V
A CH1
1.98V
B
W
B
W
CH3 2.0V
M1 2.5V
B
W
1
2
M1
VOD
DI
A
B
Figure 25. Driver Propagation Delay (Oscilloscope Plot),
Data Rate = 500 kbps, 500 kbps Models
4
5
6
7
8
9
10
11
12
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
tDPHL, VCC = 3.0V
tDPLH, VCC = 3.0V
tDPHL, VCC = 5.5V
tDPLH, VCC = 5.5V
Figure 26. Driver Differential Propagation Delay vs. Temperature, 50 Mbps Models



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com