Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6316DZ31ARJZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM6316DZ31ARJZ-R7
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6316DZ31ARJZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM6316DZ31ARJZ-R7 Datasheet HTML 5Page - Analog Devices ADM6316DZ31ARJZ-R7 Datasheet HTML 6Page - Analog Devices ADM6316DZ31ARJZ-R7 Datasheet HTML 7Page - Analog Devices ADM6316DZ31ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADM6316DZ31ARJZ-R7 Datasheet HTML 9Page - Analog Devices ADM6316DZ31ARJZ-R7 Datasheet HTML 10Page - Analog Devices ADM6316DZ31ARJZ-R7 Datasheet HTML 11Page - Analog Devices ADM6316DZ31ARJZ-R7 Datasheet HTML 12Page - Analog Devices ADM6316DZ31ARJZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet
ADM6316/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Rev. J | Page 9 of 14
CIRCUIT DESCRIPTION
The ADM6316/ADM6318/ADM6319/ADM6320/ADM6321/
ADM6322 provide microprocessor supply voltage supervision by
controlling the reset input of the microprocessor. Code execution
errors are avoided during power-up, power-down, and brownout
conditions by asserting a reset signal when the supply voltage is
below a preset threshold and by allowing supply voltage stabiliza-
tion with a fixed timeout reset pulse after the supply voltage rises
above the threshold. In addition, problems with microprocessor
code execution can be monitored and corrected with a watchdog
timer (ADM6316/ADM6318/ADM6320/ADM6321). If the user
detects a problem with the system’s operation, a manual reset input
is available (ADM6316/ADM6319/ADM6320/ADM6322) to reset
the microprocessor, for example, by means of an external push
button.
RESET OUTPUT
The ADM6316 features an active low push-pull reset output,
while the ADM6321/ADM6322 have active high push-pull reset
outputs. The ADM6318/ADM6319 feature dual active low and
active high push-pull reset outputs. For active low and active
high outputs, the reset signal is guaranteed to be logic low and
logic high, respectively, for VCC down to 1 V.
The reset output is asserted when VCC is below the reset thresh-
old (VTH), when MR is driven low, or when WDI is not serviced
within the watchdog timeout period (tWD). Reset remains asserted
for the duration of the reset active timeout period (tRP) after VCC
rises above the reset threshold, after MR transitions from low to
high, or after the watchdog timer times out. Figure 16 illustrates
the behavior of the reset outputs.
VCC
1V
VCC
0V
VCC
0V
VTH
VTH
0V
VCC
RESET
RESET
tRD
tRD
1V
tRP
tRP
Figure 16. Reset Timing Diagram
OPEN-DRAIN RESET OUTPUT
The ADM6320/ADM6321/ADM6322 have an active low, open-
drain reset output. This output structure requires an external
pull-up resistor to connect the reset output to a voltage rail no
higher than 6 V. The resistor must comply with the micropro-
cessor’s logic low and logic high voltage level requirements while
supplying input current and leakage paths on the RESET line. A
10 kΩ resistor is adequate in most situations.
MANUAL RESET INPUT
The ADM6316/ADM6319/ADM6320/ADM6322 feature a manual
reset input (MR), which when driven low, asserts the reset output.
When MR transitions from low to high, reset remains asserted for
the duration of the reset active timeout period before deasserting.
The MR input has a 52 kΩ, internal pull-up so that the input is
always high when unconnected. An external push-button switch
can be connected between MR and ground so that the user can
generate a reset. Debounce circuitry for this purpose is integrated
on chip. Noise immunity is provided on the MR input, and fast,
negative going transients of up to 100 ns (typical) are ignored. A
0.1 μF capacitor between MR and ground provides additional
noise immunity.
WATCHDOG INPUT
The ADM6316/ADM6318/ADM6320/ADM6321 feature a
watchdog timer that monitors microprocessor activity. A timer
circuit is cleared with every low-to-high or high-to-low logic
transition on the watchdog input pin (WDI), which detects pulses
as short as 50 ns. If the timer counts through the preset watchdog
timeout period (tWD), reset is asserted. The microprocessor is
required to toggle the WDI pin to avoid being reset. Failure of
the microprocessor to toggle WDI within the timeout period,
therefore, indicates a code execution error, and the reset pulse
generated restarts the microprocessor in a known state.
As well as logic transitions on WDI, the watchdog timer is also
cleared by a reset assertion due to an undervoltage condition on
VCC or due to MR being pulled low. When reset is asserted, the
watchdog timer is cleared and does not begin counting again until
reset deasserts. The watchdog timer can be disabled by leaving
WDI floating or by three-stating the WDI driver.
VCC
1V
VCC
0V
VCC
0V
VTH
0V
VCC
WDI
RESET
tRP
tRP
tWD
Figure 17. Watchdog Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com