Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6318CY29ARJZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM6318CY29ARJZ-R7
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6318CY29ARJZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM6318CY29ARJZ-R7 Datasheet HTML 6Page - Analog Devices ADM6318CY29ARJZ-R7 Datasheet HTML 7Page - Analog Devices ADM6318CY29ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADM6318CY29ARJZ-R7 Datasheet HTML 9Page - Analog Devices ADM6318CY29ARJZ-R7 Datasheet HTML 10Page - Analog Devices ADM6318CY29ARJZ-R7 Datasheet HTML 11Page - Analog Devices ADM6318CY29ARJZ-R7 Datasheet HTML 12Page - Analog Devices ADM6318CY29ARJZ-R7 Datasheet HTML 13Page - Analog Devices ADM6318CY29ARJZ-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet
ADM6316/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Rev. J | Page 11 of 14
DEVICE MODEL OPTIONS
The ADM6316/ADM6318/ADM6319/ADM6320/ADM6321/
ADM6322 include many device options, however, not all
options are released for sale. Released options called standard
models and are listed in the Ordering Guide.
The Watchdog Timers page on the ADI website also shows a list
of standard models. Contact a sales representative for information
on nonstandard models and be aware that samples and
production units have very long lead times.
Table 5. Reset Voltage Threshold Options
Reset Threshold Number
TA = +25°C
TA = −40°C to +85°C
Unit
Min
Typ
Max
Min
Max
50
4.925
5.000
5.075
4.875
5.125
V
49
4.827
4.900
4.974
4.778
5.023
V
48
4.728
4.800
4.872
4.680
4.920
V
47
4.630
4.700
4.771
4.583
4.818
V
46
4.561
4.630
4.699
4.514
4.746
V
45
4.433
4.500
4.568
4.388
4.613
V
44
4.314
4.390
4.446
4.270
4.490
V
43
4.236
4.300
4.365
4.193
4.408
V
42
4.137
4.200
4.263
4.095
4.305
V
41
4.039
4.100
4.162
3.998
4.203
V
40
3.940
4.00
4.060
3.900
4.100
V
39
3.842
3.900
3.959
3.803
3.998
V
38
3.743
3.800
3.857
3.705
3.895
V
37
3.645
3.700
3.756
3.608
3.793
V
36
3.546
3.600
3.654
3.510
3.690
V
35
3.448
3.500
3.553
3.413
3.588
V
34
3.349
3.400
3.451
3.315
3.485
V
33
3.251
3.300
3.350
3.218
3.383
V
32
3.152
3.200
3.248
3.120
3.280
V
31
3.034
3.080
3.126
3.003
3.157
V
30
2.955
3.000
3.045
2.925
3.075
V
29
2.886
2.930
2.974
2.857
3.000
V
28
2.758
2.800
2.842
2.730
2.870
V
27
2.660
2.700
2.741
2.633
2.768
V
26
2.591
2.630
2.669
2.564
2.696
V
25
2.463
2.500
2.538
2.438
2.563
V
Table 6. Reset Timeout Options
Suffix
Min
Typ
Max
Unit
A
1
1.6
2
ms
B
20
30
40
ms
C
140
200
280
ms
D
1.12
1.60
2.24
sec
Table 7. Watchdog Timer Options
Suffix
Min
Typ
Max
Unit
W
4.3
6.3
9.3
ms
X
71
102
153
ms
Y
1.12
1.6
2.24
sec
Z
17.9
25.6
38.4
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com