Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFK600 Datasheet(PDF) 1 Page - CUI INC

Part # VFK600
Description  DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFK600 Datasheet(HTML) 1 Page - CUI INC

  VFK600 Datasheet HTML 1Page - CUI INC VFK600 Datasheet HTML 2Page - CUI INC VFK600 Datasheet HTML 3Page - CUI INC VFK600 Datasheet HTML 4Page - CUI INC VFK600 Datasheet HTML 5Page - CUI INC VFK600 Datasheet HTML 6Page - CUI INC VFK600 Datasheet HTML 7Page - CUI INC VFK600 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
cui.com
date 09/13/2021
page 1 of 8
SERIES: VFK600
│ DESCRIPTION: DC-DC CONVERTER
FEATURES
• up to 700 W isolated output
• rugged metal enclosure with integrated heat sink
• 2:1 input range (18~36 Vdc, 36~75 Vdc)
• single output from 12~48 Vdc
• 1,500 Vdc isolation
• over current, over temperature, over voltage,
and short circuit protections
• remote on/off
• N+1 current sharing
• efficiency up to 92%
PART NUMBER KEY
VFK600 - DXX - SXX
Input Voltage
Output Voltage
Base Number
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
range
(Vdc)
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VFK600-D24-S12
18 ~ 36
12
50
600
120
89
VFK600-D24-S24
18 ~ 36
24
25
600
240
91
VFK600-D24-S28
18 ~ 36
28
21.5
600
280
90
VFK600-D24-S32
18 ~ 36
32
19
608
320
91
VFK600-D24-S48
18 ~ 36
48
12.5
600
480
92
VFK600-D48-S12
36 ~ 75
12
50
600
120
90
VFK600-D48-S24
36 ~ 75
24
25
600
240
91
VFK600-D48-S28
36 ~ 75
28
25
700
280
91
VFK600-D48-S32
36 ~ 75
32
19
608
320
92
VFK600-D48-S48
36 ~ 75
48
12.5
600
480
92
Notes:
1. Ripple and noise are measured at full load, 20 MHz BW with 10µF tantalum capacitor and 1µF ceramic capacitor across output
Additional Resources: Product Page | 3D Model


Similar Part No. - VFK600

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFK600 CUI-VFK600 Datasheet
668Kb / 8P
DC-DC CONVERTER
VFK600-D24-S12 CUI-VFK600-D24-S12 Datasheet
668Kb / 8P
DC-DC CONVERTER
VFK600-D24-S12-DIN CUI-VFK600-D24-S12-DIN Datasheet
581Kb / 8P
DC-DC CONVERTER
VFK600-D24-S24 CUI-VFK600-D24-S24 Datasheet
668Kb / 8P
DC-DC CONVERTER
VFK600-D24-S24-DIN CUI-VFK600-D24-S24-DIN Datasheet
581Kb / 8P
DC-DC CONVERTER
More results

Similar Description - VFK600

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com