Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DPX1202A Datasheet(PDF) 36 Page - Diodes Incorporated

Part # PI3DPX1202A
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A Datasheet(HTML) 36 Page - Diodes Incorporated

Back Button PI3DPX1202A_V01 Datasheet HTML 32Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 33Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 34Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 35Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 36Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 37Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 38Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 39Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 40Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
A product Line of
Diodes Incorporated
36 of 51
www.diodes.com
February 2020
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev 3-3
PI3DPX1202A
6.2
PCB Layout Guideline
As transmission data rate increases rapidly, any flaws and/or mis-matches on PCB layout are amplified in terms of signal integrity. Lay-
out guideline for high-speed transmission is highlighted in this application note.
AC coupling Capacitor
Below is an example of placing AC coupling capacitors on high-speed channels.
Location
To wisely use the equalization selections offered by PI3DPX1202A, it is recommended to place PI3DPX1202A at the end of the entire
path. In short, PI3DPX1202A should be located close to the output DP connector in a source application. Below is the PI3DPX1202A
placement on its evaluation board.
Thermal Pad GND Via Recommendation
To wisely use the equalization selections offered by PI3DPX1202A, it is recommended to place PI3DPX1202A at the end of the entire
path. In short, PI3DPX1202A should be located close to the output DP connector in a source application. Below is the PI3DPX1202A
placement on its evaluation board .
Several GND vias are the “must” requirement in thermal pad. The recommended Via size is 12/24 mil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com