Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B3257 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI3B3257
Description  3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3B3257 Datasheet(HTML) 2 Page - Diodes Incorporated

  PI3B3257 Datasheet HTML 1Page - Diodes Incorporated PI3B3257 Datasheet HTML 2Page - Diodes Incorporated PI3B3257 Datasheet HTML 3Page - Diodes Incorporated PI3B3257 Datasheet HTML 4Page - Diodes Incorporated PI3B3257 Datasheet HTML 5Page - Diodes Incorporated PI3B3257 Datasheet HTML 6Page - Diodes Incorporated PI3B3257 Datasheet HTML 7Page - Diodes Incorporated PI3B3257 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
A product Line of
Diodes Incorporated
PI3B3257
www.diodes.com
April 2018
Diodes Incorporated
PI3B3257
Document Number DS40430 Rev 2-2
Notes:
1.
This parameter is determined by device characterization but is not production tested.
Storage Temperature .....................................................................–65°C to +150°C
Ambient Temperature with Power Applied ....................................–40°C to +85°C
Supply Voltage to Ground Potential.................................................–0.5V to +4.6V
DC Input Voltage .............................................................................–0.5V to +4.6V
DC Output Current........................................................................................ 120mA
Power Dissipation ............................................................................................ 0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGSmaycausepermanentdamagetothedevice.
This is a stress rating only and functional operation of
the device at these or any other conditions above those
indicatedintheoperationalsectionsofthisspecification
is not mplied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 3.3V ±10%)
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
–0.5
0.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
IOZH
High Impedance Output Current 0 ≤ In, Yn ≤ VCC
±1
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
–1.2
V
RON
Switch On-Resistance(3)
VCC = Min., VIN = 0.0V,
Ion = 48mA or 64mA
5
8
Ω
VCC = Min., VIN = 2.4V, ION = 15mA
8
17
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(1) Description
Test Conditions
Typ.
Units
CIN
Input Capacitance
VIN = 0V
3.0
pF
COFFYN
YN Capacitance, Switch OFF
17.0
COFFIN
IN Capacitance, Switch OFF
8.5
CON
IN/YN Capacitance, Switch ON
25
Notes:
1.
For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at VCC = 3.3V, TA = 25°C ambient and maximum loading.
3.
Measured by the voltage drop between I and Y pin at indicated current through the switch. On-Resistance is determined by the lower of the voltages on the two
(I,Y) pins.
Notes:
1.
For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2.
Typical values are at VCC = 3.3V, +25°C ambient.
3.
Per TTL driven input (control inputs only); I and Y pins do not contribute to ICC.
4.
This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified frequency. The I and Y inputs
generate no significant AC or DC currents as they transition. This parameter is not tested, but is guaranteed by design.
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min. Typ.(2) Max.
Units
ICC
Quiescent Power Supply Current
VCC = Max.
VIN = GND or VCC
0.1
3.0
µA
∆ICC
Supply Current per Input @ TTL
HIGH(3, 4)
VCC = Max.
VIN = 3.0
750



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com