Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DPX1202A2ZBEX Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI3DPX1202A2ZBEX
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A2ZBEX Datasheet(HTML) 2 Page - Diodes Incorporated

  PI3DPX1202A2ZBEX Datasheet HTML 1Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 2Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 3Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 4Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 5Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 6Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 7Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 8Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
A product Line of
Diodes Incorporated
2 of 51
www.diodes.com
February 2020
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev 3-3
PI3DPX1202A
2. General Information
2.1
Revision History
Revision
Changes
Mar 2017
Release. Always Automatic EQ control through Aux channel listener or I2C programmable control mode support
Apr 2017
Ch3: Functional description to simplify.
Ch4: Min temp changed 0 to -40 deg C for I-temp support. ICC measurement data updated with different Pre-
emphasis and Voltage swing setting condition.
Ch5: Add Aux-listener redriver latency information & power mW comparison data
May 2017
Ch3: Improved Functional description
Jun 2017
Power-up / Reset timing added in functional session
Eye waveforms by Pre channel length added in application session
Oct 2017
I-temp ordering part number added (p1), IIL Min changed -0.6 from GND(p31)
Feb 2020
Updated Format and Status
2.2
Similar Products Selection Guide
PI3DPX1202A2
PI3DPX1202A1
PI3EQXDP1201
PI3DPX1203B
Version
DP 1.2, DP++ 1.2
DP 1.2, DP++1.2
DP 1.2, DP++1.2
DP 1.4, DP++ 1.4
Recommenda-
tion
New DP 1.2 Design
Power, BOM sensitive
system
PI3EQXDP1201 Pin-to-
pin replacement
Not recommend
Variable Frame Rate ap-
plication, latency critical
system
DP1.4 Data Rate system
Redriver Type Limiting-type Redriver,
Depend Aux listener for
automatic Device setting
control
Same as PI3DPX1202A1 Same as PI3DPX1202A1
Linear-type Redriver
No need Aux listener for
Automatic Device setting
control
EQ mode
Auto, I2C and Fixed EQ
setting
Auto EQ, I2C setting
only
Auto, I2C and Fixed EQ
setting
EQ setting 4-bit with Pin or
I2C mode.
Auto_EQ pin
Auto EQ pin: Tri-state
mode to control Auto EQ/
Fixed EQ and I2C mode
0: Disable
1: Enable
M: Pin-control EQ mode
No Auto EQ pin control
pin. Internally Pull-Up
to VDD for always for
Pin-to-Pin with PI-
3EQXDP1201
Internal 100kΩ pull up.
0 = Fixed EQ
1 = Auto EQ
None
New Features Low-power design 136mA @ 400mV, 0dB setting.
Increase Aux Listener FIFO size.
Drop-in Pin out compatible with PI3EQXDP1201.
300mA @ 400mV, 0dB
setting
Latency Free, Not blocking
linked channels and boost
Receiver DFE performance
Availability
Production
Production
EOL
Production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com