Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10413 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 10413
Description  OR gate
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

10413 Datasheet(HTML) 1 Page - Festo Corporation.

  10413 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OR gate
OS-1/4-NPT
Part number: 10413
Data sheet
Feature
Value
Valve function
OR function
Pneumatic connection 1
1/8 NPT
Pneumatic connection 2
1/8 NPT
Type of mounting
With through-hole
Standard nominal flow rate
1170 l/min
Operating pressure
1 bar ... 10 bar
Ambient temperature
-10 °C ... 60 °C
Housing material
Wrought aluminum alloy
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Nominal width
6.5 mm
Mounting position
Any
Symbol
00991102
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Temperature of medium
-10 °C ... 60 °C
Product weight
110 g
Pneumatic connection 3
NPT1/8-27
Note on materials
RoHS-compliant
Seals material
NBR
4/15/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 10413

ManufacturerPart #DatasheetDescription
logo
Heyco.
10413 HEYCO-10413 Datasheet
101Kb / 1P
Nylon PCB Supports - Reverse Locking
logo
Extreme Networks.
10413 EXTREMENETWORKS-10413 Datasheet
206Kb / 10P
High-performance 24-port 10Gb aggregation switch
30aug23
10413 EXTREMENETWORKS-10413 Datasheet
219Kb / 11P
High-performance 48-port 10Gb aggregation and leaf switch
16aug23
10413 EXTREMENETWORKS-10413 Datasheet
205Kb / 9P
100Gb Spine Switch and High Density 10Gb Leaf Switch
11aug23
logo
ATGBICS by Approved Tec...
10413-C ATGBICS-10413-C Datasheet
245Kb / 6P
10413 Extreme Compatible Direct Attach Copper Twinax Cable QSFP28 100G (3m, Passive)
More results

Similar Description - 10413

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4071B STMICROELECTRONICS-HCC4071B Datasheet
281Kb / 11P
OR GATE
Jun-1989
logo
Toshiba Semiconductor
TC7S86F TOSHIBA-TC7S86F Datasheet
201Kb / 5P
EXCLUSIVE OR GATE
logo
National Semiconductor ...
MM54HC51 NSC-MM54HC51 Datasheet
126Kb / 4P
Dual AND-OR-Invert Gate / Dual AND-OR Gate
logo
Toshiba Semiconductor
TC7SG86FU TOSHIBA-TC7SG86FU Datasheet
152Kb / 6P
EXCLUSIVE OR Gate
TC7SH86FE TOSHIBA-TC7SH86FE Datasheet
149Kb / 5P
Exclusive OR Gate
logo
Festo Corporation.
10412 FESTO-10412 Datasheet
77Kb / 1P
OR gate
4/15/22
3427 FESTO-3427 Datasheet
84Kb / 1P
OR gate
4/15/22
6681 FESTO-6681 Datasheet
77Kb / 1P
OR gate
4/15/22
6682 FESTO-6682 Datasheet
76Kb / 1P
OR gate
4/15/22
6684 FESTO-6684 Datasheet
76Kb / 1P
OR gate
4/15/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com