Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1629664 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1629664
Description  Hand slide valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1629664 Datasheet(HTML) 1 Page - Festo Corporation.

  1629664 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hand slide valve
VBOH-32-G34
Part number: 1629664
Data sheet
Feature
Value
Valve function
3/2, bistable
Pneumatic connection 1
G3/4
Pneumatic connection 2
G3/4
Actuation type
Manual
Type of mounting
Line installation
Screw-in
Standard nominal flow rate
7691 l/min
Nominal width
19.3 mm
Operating pressure
-0.095 MPa ... 1.2 MPa
Operating pressure
-0.95 bar ... 12 bar
Ambient temperature
-10 °C ... 80 °C
Housing material
Wrought aluminum alloy, anodized
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Width dimension
57.5 mm
Sealing principle
Soft
Mounting position
Any
Structural design
Sleeve gate valve
Type of control
Direct
Symbol
00991286
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS conformity
VDMA24364-B2-L
Temperature of medium
-10 °C ... 80 °C
Actuating force
70 N
Product weight
183 g
Material of screwed trunnion
Anodized wrought aluminum alloy
Note on materials
RoHS-compliant
Seals material
NBR
4/15/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 1629664

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
162966 FESTO-162966 Datasheet
86Kb / 2P
One-way flow control valve
More results

Similar Description - 1629664

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VHEF-HS-B53C-G14 FESTO-VHEF-HS-B53C-G14 Datasheet
86Kb / 2P
Hand lever valve
VHEF-HS-B53E-G18 FESTO-VHEF-HS-B53E-G18 Datasheet
88Kb / 2P
Hand lever valve
VHEF-HS-M52-M-G14 FESTO-VHEF-HS-M52-M-G14 Datasheet
90Kb / 2P
Hand lever valve
VHER-H-B43C-G18 FESTO-VHER-H-B43C-G18 Datasheet
100Kb / 2P
Hand lever valve
VHER-P-H-B43C-M5 FESTO-VHER-P-H-B43C-M5 Datasheet
102Kb / 2P
Hand lever valve
1302994 FESTO-1302994 Datasheet
82Kb / 1P
Hand slide valve
4/15/22
1482679 FESTO-1482679 Datasheet
82Kb / 1P
Hand slide valve
4/15/22
1558073 FESTO-1558073 Datasheet
82Kb / 1P
Hand slide valve
4/15/22
1587988 FESTO-1587988 Datasheet
81Kb / 1P
Hand slide valve
4/15/22
1609969 FESTO-1609969 Datasheet
82Kb / 1P
Hand slide valve
4/15/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com