Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4232 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 4232
Description  OR block
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

4232 Datasheet(HTML) 1 Page - Festo Corporation.

  4232 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OR block
OS-PK-3-6/3
Part number: 4232
Data sheet
Feature
Value
Valve function
OR function
Pneumatic connection 1
PK-3
Pneumatic connection 2
PK-3
Type of mounting
Front panel mounting
Standard nominal flow rate
100 l/min
Operating pressure
1.6 bar ... 8 bar
Ambient temperature
-10 °C ... 60 °C
Housing material
POM
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Explosion prevention and protection
The information in the certificate must be observed!
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Nominal width
2.5 mm
Mounting position
Any
Symbol
00991457
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Temperature of medium
-10 °C ... 60 °C
Product weight
90 g
Pneumatic connection 3
PK-3
Seals material
NBR
4/15/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 4232

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4232 FILTRONIC-4232 Datasheet
323Kb / 2P
POWER DIVDERS - TWO WAY, 1TO 18 GHZ
logo
Peregrine Semiconductor...
4232 PEREGRINE-4232 Datasheet
265Kb / 8P
SPST CATV UltraCMOS??Switch
logo
API Technologies Corp
4232 APITECH-4232 Datasheet
180Kb / 2P
POWER DIVIDERS
4232 APITECH-4232 Datasheet
175Kb / 2P
POWER DIVIDERS
4232 APITECH-4232 Datasheet
175Kb / 2P
POWER DIVIDERS
More results

Similar Description - 4232

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28F420 STMICROELECTRONICS-M28F420 Datasheet
245Kb / 38P
4 Megabit (x8 or x16, Block Erase) FLASH MEMORY
Mar-1995
logo
Mimix Broadband
CGB7010-SC MIMIX-CGB7010-SC Datasheet
531Kb / 7P
DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7015-SC MIMIX-CGB7015-SC Datasheet
216Kb / 7P
DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7006-SC_0608 MIMIX-CGB7006-SC_0608 Datasheet
600Kb / 8P
DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7007-SC_0608 MIMIX-CGB7007-SC_0608 Datasheet
607Kb / 8P
DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7009-SC_0608 MIMIX-CGB7009-SC_0608 Datasheet
555Kb / 8P
DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7016-SC MIMIX-CGB7016-SC_07 Datasheet
222Kb / 8P
DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
logo
PHOENIX CONTACT
3211445 PHOENIX-3211445 Datasheet
80Kb / 5P
Component terminal block - PTTB 2,5-2DIO/U-OL/U-OR
3211447 PHOENIX-3211447 Datasheet
80Kb / 5P
Component terminal block - PTTB 2,5-2DIO/OL-U/OR-U
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com