Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS-2-R-M5 Datasheet(PDF) 1 Page - Festo Corporation.

Part # OS-2-R-M5
Description  OR module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

OS-2-R-M5 Datasheet(HTML) 1 Page - Festo Corporation.

  OS-2-R-M5 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OR module
OS-2-R-M5
Part number: 7423
Data sheet
Feature
Value
Valve function
OR function
Pneumatic connection 1
PK-4
Pneumatic connection 2
PK-4
Type of mounting
With through-hole
Operating pressure
0.001 bar ... 6 bar
Symbol
00991517
Pneumatic connection 3
PK-4
4/15/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - OS-2-R-M5

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
OS-260 IET-OS-260 Datasheet
734Kb / 1P
OS-270
OS-270 IET-OS-270 Datasheet
734Kb / 1P
OS-270
More results

Similar Description - OS-2-R-M5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2110 TI-BQ2110 Datasheet
770Kb / 8P
NiCd or NiMH Gas Gauge Module
logo
Hittite Microwave Corpo...
HMC-C065 HITTITE-HMC-C065 Datasheet
169Kb / 6P
50 Gbps, AND / NAND / OR / NOR MODULE
logo
Cynergy3 Co
SB20 CYNERGY3-SB20 Datasheet
1Mb / 2P
Level controller or power interface module with alarm sounder
SM20 CYNERGY3-SM20 Datasheet
981Kb / 2P
Level controller or high power interface module
logo
Linear Technology
LTM2892 LINER-LTM2892_15 Datasheet
649Kb / 36P
SPI/Digital or I2C Module Isolator
LTM4677EY LINER-LTM4677EY Datasheet
1Mb / 12P
Dual 18A or Single 36A 關Module Regulator
logo
Linear Integrated Syste...
LTM8049 LINEAR-LTM8049 Datasheet
1Mb / 18P
Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LTM2892 LINER-LTM2892 Datasheet
655Kb / 38P
SPI/Digital or I2C 關Module Isolator
LTM4646 LINER-LTM4646 Datasheet
533Kb / 34P
Dual 10A or Single 20A 關Module Regulator
logo
Ultralife Corporation.
MRC-KT0002 ULTRALIFE-MRC-KT0002 Datasheet
285Kb / 1P
Charge module automatically detects open or shorted cells
Rev: B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com