Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBO-10 Datasheet(PDF) 2 Page - CUI INC

Part # PBO-10
Description  AC-DC POWER SUPPLY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-10 Datasheet(HTML) 2 Page - CUI INC

  PBO-10 Datasheet HTML 1Page - CUI INC PBO-10 Datasheet HTML 2Page - CUI INC PBO-10 Datasheet HTML 3Page - CUI INC PBO-10 Datasheet HTML 4Page - CUI INC PBO-10 Datasheet HTML 5Page - CUI INC PBO-10 Datasheet HTML 6Page - CUI INC PBO-10 Datasheet HTML 7Page - CUI INC PBO-10 Datasheet HTML 8Page - CUI INC PBO-10 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
cui.com
date 01/21/2022
│ page 2 of 10
CUI Inc
│ SERIES: PBO-10 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
85
100
305
430
Vac
Vdc
frequency
47
63
Hz
current
at 115 Vac
at 230 Vac
0.3
0.15
A
A
inrushcurrent
at 115 Vac
at 230 Vac
15
30
A
A
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitiveload
3.3 Vdc output models
5 Vdc output models
9 Vdc output models
12 Vdc output models
15 Vdc output models
24 Vdc output models
1,500
1,500
1,000
680
470
330
µF
µF
µF
µF
µF
µF
initialsetpointaccuracy
from0~100%load
3.3 Vdc output models
allothermodels
±3
±2
%
%
lineregulation
atratedload
±0.5
±1
%
loadregulation
from0~100%load
±1
±1.5
%
temperaturecoefficient
±0.02
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
overvoltageprotection
outputvoltageclamporhiccup
3.3 & 5 Vdc output models
9 Vdc output models
12 & 15 Vdc output models
24 Vdc output models
9
15
25
35
Vdc
Vdc
Vdc
Vdc
overcurrentprotection
autorecovery
110
%
shortcircuitprotection
continuous,autorecovery,hiccup
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolationvoltage
inputtooutput,1min,<5mA
3,000
Vac
safetyapprovals
certifiedto 62368:IEC,EN,UL
designedtomeet60335:IEC,EN
safetyclass
class II
conducted emissions
CISPR32/EN55032ClassA(recommendedcircuit1,4)
CISPR32/EN55032ClassB(recommendedcircuit2,3)
radiatedemissions
CISPR32/EN55032ClassA(recommendedcircuit1,4)
CISPR32/EN55032ClassB(recommendedcircuit2,3)
ESD
IEC/EN61000-4-2,±6kV,perf.CriteriaB
radiatedimmunity
IEC/EN61000-4-3,10V/m,perf.CriteriaA
EFT/burst
IEC/EN61000-4-4,±2kV(recommendedcircuit1,2),perf.CriteriaB
IEC/EN61000-4-4,±4kV(recommendedcircuit3,4),perf.CriteriaB
surge
IEC/EN61000-4-5,linetoline±1kV(recommendedcircuit1,2),perf.CriteriaB
IEC/EN61000-4-5,linetoline±2kV(recommendedcircuit3,4),perf.CriteriaB
IEC/EN61000-4-5,linetoline±4kV(recommendedcircuit4),perf.CriteriaB
conductedimmunity
IEC/EN61000-4-6,10Vr.m.s,perf.CriteriaA
voltagedips&interruptions
IEC/EN61000-4-110%,70%,perf.CriteriaB
MTBF
asperMIL-HDBK-217at°C
300,000
hours
RoHS
yes
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com