Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS28F004AMB90CDCDL Datasheet(PDF) 78 Page - Texas Instruments

Part # TMS28F004AMB90CDCDL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F004AMB90CDCDL Datasheet(HTML) 78 Page - Texas Instruments

Back Button TMS28F004AMB90CDCDL Datasheet HTML 72Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 73Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 74Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 75Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 76Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 77Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 78Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 79Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 80Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 78 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/262144 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS829A – JANUARY 1996 – REVISED AUGUST 1997
78
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
MECHANICAL DATA
DBJ (R-PDSO-G44)
PLASTIC SMALL-OUTLINE PACKAGE
4073325 / A 10/94
0,25
Gage Plane
0,15 NOM
23
13,40
13,20
22
16,10
15,90
Seating Plane
0,80
0,45
0,35
28,10
28,30
44
1
2,625 MAX
0,50 MIN
1,27
M
0,16
0
°–8°
0,10
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com