Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLHB4200 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLHB4200
Description  High Efficiency Blue LED, ∅ 3 mm Tinted Non-Diffused Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHB4200 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLHB4200 Datasheet HTML 1Page - Vishay Siliconix TLHB4200 Datasheet HTML 2Page - Vishay Siliconix TLHB4200 Datasheet HTML 3Page - Vishay Siliconix TLHB4200 Datasheet HTML 4Page - Vishay Siliconix TLHB4200 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 83014
Rev. 1.5, 17-Sep-07
Vishay Semiconductors
TLHB420.
Note:
1) T
amb = 25 °C, unless otherwise specified
2) in one packing unit I
Vmin/IVmax ≤ 0.5
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
OPTICAL AND ELECTRICAL CHARACTERISTICS1) BLUE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN
TYP.
MAX
UNIT
Luminous intensity 2)
IF = 20 mA
TLHB4200
IV
25
50
mcd
TLHB4201
IV
40
132
mcd
Dominant wavelength
IF = 10 mA
λ
d
466
nm
Peak wavelength
IF = 10 mA
λ
p
428
nm
Angle of half intensity
IF = 10 mA
ϕ
± 22
deg
Forward voltage
IF = 20 mA
VF
3.9
4.5
V
Reverse voltage
IR = 10 μAVR
5V
Figure 1. Power Dissipation vs. Ambient Temperature
Figure 2. Forward Current vs. Ambient Temperature for InGaN
100
80
60
40
0
25
50
75
100
125
Tamb - Ambient Temperature (°C)
95 10904
20
0
0
10
20
30
40
60
15884
50
Tamb - Ambient Temperature (°C)
100
80
60
40
20
0
Figure 3. Rel. Luminous Intensity vs. Angular Displacement
Figure 4. Forward Current vs. Forward Voltage
0.4
0.2
0
0.2
0.4
0.6
95 10041
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
1
10
100
V
F - Forward Voltage (V)
15846
02
4
6
8
13
57



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com