Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1ML-SMA-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US1ML-SMA-R
Description  SURFACE MOUNT ULTRA FAST RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US1ML-SMA-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US1ML-SMA-R Datasheet HTML 1Page - Unisonic Technologies US1ML-SMA-R Datasheet HTML 2Page - Unisonic Technologies US1ML-SMA-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US1M
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R601-224.a
SURFACE MOUNT ULTRA FAST
RECTIFIER
DESCRIPTION
The UTC US1M is a surface mount ultra fast rectifier, it uses UTC’s
advanced technology to provide customers with ultra fast switching,
high forward surge current and low reverse leakage, etc.
The UTC US1M is suitable for surface mounted applications.
FEATURES
* Ultra fast switching for high efficiency
* Low reverse leakage
* High forward surge current capability
SYMBOL
SMA
(JEDEC DO-214AC)
+
-
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
US1ML-SMA-R
US1MG-SMA-R
SMA
K
A
Tape Reel
Note: Pin Assignment: A: Anode
K: Cathode
MARKING INFORMATION
PACKAGE
MARKING
SMA
Date Code
Cathode Band for
uni-directional Only
UTC
US1 M
L: Lead Free
G: Halogen Free


Similar Part No. - US1ML-SMA-R

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
US1ML DACHANG-US1ML Datasheet
129Kb / 2P
Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 1.0 A
logo
Microdiode Semiconducto...
US1ML CHENDA-US1ML Datasheet
87Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Rugao Dachang Electroni...
US1ML DACHANG-US1ML Datasheet
129Kb / 2P
Surface Mounted High-efficiency Rectifier
logo
SUNMATE electronic Co.,...
US1ML SUNMATE-US1ML Datasheet
313Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
DIYI Electronic Technol...
US1ML DYELEC-US1ML Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - US1ML-SMA-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UF2AF ETC2-UF2AF Datasheet
549Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
US1AF ETC2-US1AF Datasheet
525Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
UF1A HOTTECH-UF1A Datasheet
220Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2A YIXIN-US2A_13 Datasheet
428Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Microdiode Semiconducto...
US2ABF CHENDA-US2ABF_V01 Datasheet
847Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
US3AB CHENDA-US3AB Datasheet
747Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
US3ABF CHENDA-US3ABF_V01 Datasheet
1Mb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Unisonic Technologies
US1D UTC-US1D Datasheet
141Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com