Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA848 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA848
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA848 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA848 Datasheet HTML 13Page - Texas Instruments INA848 Datasheet HTML 14Page - Texas Instruments INA848 Datasheet HTML 15Page - Texas Instruments INA848 Datasheet HTML 16Page - Texas Instruments INA848 Datasheet HTML 17Page - Texas Instruments INA848 Datasheet HTML 18Page - Texas Instruments INA848 Datasheet HTML 19Page - Texas Instruments INA848 Datasheet HTML 20Page - Texas Instruments INA848 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
9.1.5 Input Bias Current Return Path
The input impedance of the INA851 is very high at approximately 1 GΩ. However, a path must be provided for
the input bias current of both inputs. This input bias current is typically 5 nA. High input impedance means that
this input bias current changes very little with varying input voltage.
For proper operation, input circuitry must provide a path for input bias current. Figure 9-1 shows various
provisions for an input bias current path. Without a bias current path, the inputs float to a potential that exceeds
the common-mode range of the INA851, and the input amplifiers saturate. If the differential source resistance is
low, the bias current return path can connect to one input (as shown in the thermocouple example in Figure 9-1).
With a higher source impedance, using two equal resistors provides a balanced input with possible advantages
of a lower input offset voltage as a result of bias current and better high-frequency common-mode rejection.
For more details about why a valid input bias current return path is necessary, see the Importance of Input Bias
Current Return Paths in Instrumentation Amplifier Applications application report.
TI Device
47 kW
47 kW
TI Device
10 kW
Microphone,
Hydrophone,
and So Forth
Thermocouple
TI Device
Center tap provides
bias current return.
Copyright © 2017, Texas Instruments Incorporated
Figure 9-1. Providing an Input Common-Mode Current Path
www.ti.com
INA851
SBOS999 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com