Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7348F Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7348F
Description  TMUX734xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Adjustable Fault Threshold, Latch-up Immunity, and 1.8-V Logic
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7348F Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX7348F Datasheet HTML 9Page - Texas Instruments TMUX7348F Datasheet HTML 10Page - Texas Instruments TMUX7348F Datasheet HTML 11Page - Texas Instruments TMUX7348F Datasheet HTML 12Page - Texas Instruments TMUX7348F Datasheet HTML 13Page - Texas Instruments TMUX7348F Datasheet HTML 14Page - Texas Instruments TMUX7348F Datasheet HTML 15Page - Texas Instruments TMUX7348F Datasheet HTML 16Page - Texas Instruments TMUX7348F Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
7.7 ±20 V Dual Supply: Electrical Characteristics (continued)
VDD = +20 V ± 10%, VSS = –20 V ±10%, GND = 0 V (unless otherwise noted)
Typical at VDD = +20 V, VSS = –20 V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
SWITCHING CHARACTERISTICS
tON (EN)
Enable turn-on time
VS = 10 V,
RL = 4 kΩ, CL= 12 pF
25°C
175
300
ns
–40°C to +85°C
325
–40°C to +125°C
350
tOFF (EN)
Enable turn-off time
VS = 10 V,
RL = 4 kΩ, CL= 12 pF
25°C
350
400
ns
–40°C to +85°C
400
–40°C to +125°C
420
tTRAN
Transition time
VS = 10 V,
RL = 4 kΩ, CL= 12 pF
25°C
170
245
ns
–40°C to +85°C
270
–40°C to +125°C
285
tRESPONSE
Fault response time
VFP = 20 V, VFN = –20 V,
RL = 4 kΩ, CL= 12 pF
25°C
300
ns
tRECOVERY
Fault recovery time
VFP = 20 V, VFN = –20 V,
RL = 4 kΩ, CL= 12 pF
25°C
1.3
µs
tRESPONSE(FLAG) Fault flag response time
VFP = 20 V, VFN = –20 V,
VPU = 5 V, RPU = 1 kΩ, CL= 12 pF
25°C
110
ns
tRECOVERY(FLAG) Fault flag recovery time
VFP = 20 V, VFN = –20 V,
VPU = 5 V, RPU = 1 kΩ, CL= 12 pF
25°C
0.9
µs
tBBM
Break-before-make time delay
VS = 10 V, RL = 4 kΩ, CL= 12 pF
–40°C to +125°C
50
120
ns
QINJ
Charge injection
VS = 0 V, CL = 1 nF
25°C
–17
pC
OISO
Off-isolation
RS = 50 Ω, RL = 50 Ω, CL = 5 pF,
VS = 200m VRMS, VBIAS = 0 V, f = 1 MHz
25°C
–85
dB
XTALK
Intra-channel crosstalk
RS = 50 Ω, RL = 50 Ω, CL = 5 pF,
VS = 200m VRMS, VBIAS = 0 V, f = 1 MHz
25°C
–95
dB
Inter-channel crosstalk
(TMUX7349F)
RS = 50 Ω, RL = 50 Ω, CL = 5 pF,
VS = 200m VRMS, VBIAS = 0 V, f = 1 MHz
25°C
–103
BW
–3 dB bandwidth (TMUX7348F)
RS = 50 Ω, RL = 50 Ω, CL = 5 pF,
VS = 200m VRMS, VBIAS = 0 V
25°C
150
MHz
–3 dB bandwidth (TMUX7349F)
RS = 50 Ω, RL = 50 Ω, CL = 5 pF,
VS = 200m VRMS, VBIAS = 0 V
25°C
285
ILOSS
Insertion loss
RS = 50 Ω, RL = 50 Ω, CL = 5 pF,
VS = 200m VRMS, VBIAS = 0 V, f = 1 MHz
25°C
–9
dB
THD+N
Total harmonic distortion plus
noise
RS = 40 Ω, RL = 10k Ω, VS = 20 VPP, VBIAS
= 0 V, f = 20 Hz to 20k Hz
25°C
0.0014
%
CS(OFF)
Input off-capacitance
f = 1 MHz, VS = 0 V
25°C
3.5
pF
CD(OFF)
Output off-capacitance
(TMUX7348F)
f = 1 MHz, VS = 0 V
25°C
28
pF
Output off-capacitance
(TMUX7349F)
f = 1 MHz, VS = 0 V
25°C
14
CS(ON)
CD(ON)
Input/Output on-capacitance
(TMUX7348F)
f = 1 MHz, VS = 0 V
25°C
30
pF
Input/Output on-capacitance
(TMUX7349F)
f = 1 MHz, VS = 0 V
25°C
16
POWER SUPPLY
IDD
VDD supply current
VDD = VFP = 22 V, VSS = VFN = –22 V,
VAx = 0 V, 5 V, or VDD, VEN = 5 V or VDD
25°C
0.24
0.5
mA
–40°C to +85°C
0.5
–40°C to +125°C
0.5
ISS
VSS supply current
VDD = VFP = 22 V, VSS = VFN = –22 V,
VAx = 0 V, 5 V, or VDD, VEN = 5 V or VDD
25°C
0.14
0.4
mA
–40°C to +85°C
0.4
–40°C to +125°C
0.4
IGND
GND current
VDD = VFP = 22 V, VSS = VFN = –22 V,
VAx = 0 V, 5 V, or VDD, VEN = 5 V or VDD
25°C
0.075
mA
www.ti.com
TMUX7348F
SCDS400 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX7348F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com