Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7150ACPZ-4.5-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM7150ACPZ-4.5-R7
Description  800 mA Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7150ACPZ-4.5-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADM7150ACPZ-4.5-R7 Datasheet HTML 1Page - Analog Devices ADM7150ACPZ-4.5-R7 Datasheet HTML 2Page - Analog Devices ADM7150ACPZ-4.5-R7 Datasheet HTML 3Page - Analog Devices ADM7150ACPZ-4.5-R7 Datasheet HTML 4Page - Analog Devices ADM7150ACPZ-4.5-R7 Datasheet HTML 5Page - Analog Devices ADM7150ACPZ-4.5-R7 Datasheet HTML 6Page - Analog Devices ADM7150ACPZ-4.5-R7 Datasheet HTML 7Page - Analog Devices ADM7150ACPZ-4.5-R7 Datasheet HTML 8Page - Analog Devices ADM7150ACPZ-4.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
800 mA Ultralow Noise,
High PSRR, RF Linear Regulator
Data Sheet
ADM7150
FEATURES
Input voltage range: 4.5 V to 16 V
Maximum output current: 800 mA
Low noise
1.0 µV rms total integrated noise from 100 Hz to 100 kHz
1.6 µV rms total integrated noise from 10 Hz to 100 kHz
Noise spectral density: 1.7 nV√Hz typical from 10 kHz to 1 MHz
Power supply rejection ratio (PSRR) at 400 mA load
>90 dB from 1 kHz to 100 kHz, VOUT = 5 V
>60 dB at 1 MHz, VOUT = 5 V
Dropout voltage: 0.6 V at VOUT = 5 V, 800 mA load
Initial voltage accuracy: ±1%
Voltage accuracy over line, load and temperature: ±2%
Quiescent current (IGND): 4.3 mA at no load
Low shutdown current: 0.1 µA
Stable with a 10 µF ceramic output capacitor
Fixed output voltage options: 1.8 V, 2.8 V, 3.0 V, 3.3 V, 4.5 V,
4.8 V, and 5.0 V (16 outputs between 1.5 V and 5.0 V are
available)
Exposed pad 8-lead LFCSP and 8-lead SOIC packages
APPLICATIONS
Regulated power noise sensitive applications
RF mixers, phase-locked loops (PLLs), voltage-controlled
oscillators (VCOs), and PLLs with integrated VCOs
Communications and infrastructure
Cable digital-to-analog converter (DAC) drivers
Backhaul and microwave links
TYPICAL APPLICATION CIRCUIT
VOUT
REF
REF_SENSE
GND
VIN
EN
BYP
VREG
ADM7150
CREG
10µF
CBYP
1µF
CREF
1µF
CIN
10µF
COUT
10µF
OFF
ON
VIN = 6.2V
VOUT = 5.0V
Figure 1. 5 V Output Circuit
GENERAL DESCRIPTION
The ADM7150 is a low dropout (LDO) linear regulator that
operates from 4.5 V to 16 V and provides up to 800 mA of
output current. Using an advanced proprietary architecture, it
provides high power supply rejection (>90 dB
from 1 kHz to 1 MHz),
ultralow output noise (<1.7 nV√Hz), and
achieves excellent line and
load transient response with a 10 µF ceramic output capacitor.
The ADM7150 is available in 1.8 V, 2.8 V, 3.0 V, 3.3 V, 4.5 V,
4.8 V, and 5.0 V fixed outputs. In addition, 16 fixed output
voltages between 1.5 V and 5.0 V are available upon request.
The ADM7150 regulator typical output noise is 1.0 µV rms
from 100 Hz to 100 kHz for fixed output voltage options, and
the noise spectral density is 1.7 nV/√Hz from 10 kHz to 1 MHz.
The ADM7150 is available in 8-lead, 3 mm × 3 mm LFCSP and
8-lead SOIC packages, making it not only a very compact solution
but also providing excellent thermal performance for applications
requiring up to 800 mA of output current in a small, low profile
footprint. See the ADM7151 adjustable LDO to generate additional
output voltages.
100k
1
10
100
1k
10k
0.1
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
CBYP = 1µF
CBYP = 10µF
CBYP = 100µF
CBYP = 1mF
Figure 2. Noise Spectral Density (NSD) vs. Frequency for Various CBYP
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADM7150ACPZ-4.5-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM7150ACP AD-ADM7150ACP Datasheet
739Kb / 24P
600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
8/2016-Rev. B to Rev. C
ADM7150ACP AD-ADM7150ACP Datasheet
782Kb / 23P
600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
More results

Similar Description - ADM7150ACPZ-4.5-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
logo
Linear Technology
LT3042 LINER-LT3042_15 Datasheet
900Kb / 30P
20V, 200mA, Ultralow Noise, Ultrahigh PSRR RF Linear Regulator
logo
Texas Instruments
TPS792 TI-TPS792 Datasheet
496Kb / 19P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
logo
Analog Devices
ADM7155 AD-ADM7155 Datasheet
739Kb / 24P
600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
8/2016-Rev. B to Rev. C
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
ADM7151 AD-ADM7151 Datasheet
1Mb / 24P
800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
ADM7154 AD-ADM7154 Datasheet
782Kb / 23P
600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com