Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7150ARDZ-3.0-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM7150ARDZ-3.0-R7
Description  800 mA Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7150ARDZ-3.0-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM7150ARDZ-3.0-R7 Datasheet HTML 7Page - Analog Devices ADM7150ARDZ-3.0-R7 Datasheet HTML 8Page - Analog Devices ADM7150ARDZ-3.0-R7 Datasheet HTML 9Page - Analog Devices ADM7150ARDZ-3.0-R7 Datasheet HTML 10Page - Analog Devices ADM7150ARDZ-3.0-R7 Datasheet HTML 11Page - Analog Devices ADM7150ARDZ-3.0-R7 Datasheet HTML 12Page - Analog Devices ADM7150ARDZ-3.0-R7 Datasheet HTML 13Page - Analog Devices ADM7150ARDZ-3.0-R7 Datasheet HTML 14Page - Analog Devices ADM7150ARDZ-3.0-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADM7150
FREQUENCY (Hz)
10M
1
10
100
1k
10k
100k
1M
–120
0
–20
–40
–60
–80
–100
LOAD = 800mA
LOAD = 400mA
LOAD = 200mA
LOAD = 100mA
LOAD = 10mA
Figure 29. Power Supply Rejection Ratio (PSRR) vs. Frequency,
VOUT = 3.3 V, VIN = 5 V
FREQUENCY (Hz)
10M
1
10
100
1k
10k
100k
1M
–120
0
–20
–40
–60
–80
–100
LOAD = 800mA
LOAD = 400mA
LOAD = 200mA
LOAD = 100mA
LOAD = 10mA
Figure 30. Power Supply Rejection Ratio (PSRR) vs. Frequency,
VOUT = 1.8 V, VIN = 5 V
HEADROOM (V)
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
–120
0
–20
–40
–60
–80
–100
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
Figure 31. Power Supply Rejection Ratio (PSRR) vs. Headroom Voltage,
100 mA Load, VOUT = 5 V
HEADROOM (V)
1.5
1.3
1.1
0.9
0.7
0.5
0.3
–120
0
–20
–40
–60
–80
–100
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
Figure 32. Power Supply Rejection Ratio (PSRR) vs. Headroom Voltage,
400 mA Load, VOUT = 5 V
HEADROOM (V)
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
–120
0
–20
–40
–60
–80
–100
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
Figure 33. Power Supply Rejection Ratio (PSRR) vs. Headroom Voltage,
800 mA Load, VOUT = 5 V
CAPACITANCE (µF)
1000
1
10
100
–70
–60
–50
–40
–30
–20
–10
0
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
Figure 34. Power Supply Rejection Ratio (PSRR) vs. CBYP,
400 mA Load, 400 mV Headroom, VOUT = 5 V
Rev. 0 | Page 11 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com