Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7150ARDZ-3.3-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM7150ARDZ-3.3-R7
Description  800 mA Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7150ARDZ-3.3-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM7150ARDZ-3.3-R7 Datasheet HTML 6Page - Analog Devices ADM7150ARDZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADM7150ARDZ-3.3-R7 Datasheet HTML 8Page - Analog Devices ADM7150ARDZ-3.3-R7 Datasheet HTML 9Page - Analog Devices ADM7150ARDZ-3.3-R7 Datasheet HTML 10Page - Analog Devices ADM7150ARDZ-3.3-R7 Datasheet HTML 11Page - Analog Devices ADM7150ARDZ-3.3-R7 Datasheet HTML 12Page - Analog Devices ADM7150ARDZ-3.3-R7 Datasheet HTML 13Page - Analog Devices ADM7150ARDZ-3.3-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADM7150
Data Sheet
VIN (V)
16
10
12
14
8
6
4
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 200mA
LOAD = 400mA
LOAD = 800mA
Figure 23. Output Voltage (VOUT) vs. Input Voltage (VIN), VOUT = 1.8 V
JUNCTION TEMPERATURE (°C)
125
85
25
–5
–40
0
10
9
8
7
6
5
4
3
2
1
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 200mA
LOAD = 400mA
LOAD = 800mA
Figure 24. Ground Current vs. Junction Temperature (TJ), VOUT =1.8 V
ILOAD (mA)
1000
100
10
1
0
1
2
3
4
5
6
7
8
9
10
Figure 25. Ground Current vs. Load Current (ILOAD), VOUT = 1.8 V
VIN (V)
16
12
8
14
10
6
4
0
10
9
8
7
6
5
4
3
2
1
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 200mA
LOAD = 400mA
LOAD = 800mA
Figure 26. Ground Current vs. Input Voltage (VIN), VOUT = 1.8 V
FREQUENCY (Hz)
10M
1
10
100
1k
10k
100k
1M
–120
0
–20
–40
–60
–80
–100
LOAD = 800mA
LOAD = 400mA
LOAD = 200mA
LOAD = 100mA
LOAD = 10mA
Figure 27. Power Supply Rejection Ratio (PSRR) vs. Frequency,
VOUT = 5 V, VIN = 6.2 V
FREQUENCY (Hz)
10M
1
10
100
1k
10k
100k
1M
–120
0
–20
–40
–60
–80
–100
400mV
500mV
600mV
700mV
800mV
900mV
1.0V
1.1V
1.2V
1.3V
1.4V
1.5V
Figure 28. Power Supply Rejection Ratio (PSRR) vs. Frequency for Various
Headroom Voltage, VOUT = 5 V, 400 mA Load
Rev. 0 | Page 10 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com