Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLMD310 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLMD310
Description  Standard SMD LED PLCC-2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMD310 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLMD310 Datasheet HTML 1Page - Vishay Siliconix TLMD310 Datasheet HTML 2Page - Vishay Siliconix TLMD310 Datasheet HTML 3Page - Vishay Siliconix TLMD310 Datasheet HTML 4Page - Vishay Siliconix TLMD310 Datasheet HTML 5Page - Vishay Siliconix TLMD310 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vishay Semiconductors
TLMD310.
Document Number 83037
Rev. 1.9, 12-Sep-07
www.vishay.com
1
Standard SMD LED PLCC-2
FEATURES
• SMD LEDs with exceptional brightness
• Luminous intensity categorized
• Compatible
with automatic
placement
equipment
• EIA and ICE standard package
• Compatible with infrared, vapor phase and wave
solder processes according to CECC
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to light
pipes and backlighting
• Low power consumption
• Luminous intensity ratio in one packaging unit
IVmax/IVmin ≤ 2.0, optional ≤ 1.6
• Lead (Pb)-free device
19225
e3
DESCRIPTION
These new devices have been designed to meet the
increasing demand for surface mounting technology.
This device is used for outdoor or for low power
applications.
The package of the TLMD310. is the PLCC-2
(equivalent to a size B tantalum capacitor).
It consists of a lead frame which is embedded in a
white thermoplast. The reflector inside this package is
filled up with clear epoxy.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-2
• Product series: standard
• Angle of half intensity: ± 60°
APPLICATIONS
• Automotive:
backlighting
in
dashboards
and
switches
• Telecommunication: indicator and backlighting in
telephone and fax
• Indicator and backlight for audio and video
equipment
• Indicator and backlight for battery driven equipment
• Small indicator for outdoor applications
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches and symbols
• General use
PARTS TABLE
PART
COLOR, LUMINOUS INTENSITY
TECHNOLOGY
TLMD3100
Red, Iv > 20 mcd (typ.)
GaAIAs on GaAs
TLMD3101
Red, IV = (16 to 50) mcd
GaAIAs on GaAs
TLMD3105
Red, IV = (10 to 32) mcd
GaAIAs on GaAs


Similar Part No. - TLMD310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMD310 VISHAY-TLMD310 Datasheet
81Kb / 6P
High Intensity SMD LED
04-Feb-99
TLMD3101 VISHAY-TLMD3101 Datasheet
80Kb / 6P
High Intensity SMD LED
04-Feb-99
TLMD3102 VISHAY-TLMD3102 Datasheet
80Kb / 6P
High Intensity SMD LED
04-Feb-99
TLMD3105 VISHAY-TLMD3105 Datasheet
80Kb / 6P
High Intensity SMD LED
04-Feb-99
More results

Similar Description - TLMD310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
Standard SMD LED PLCC-2
23-Oct-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
Standard SMD LED PLCC-2
06-Sep-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
Standard SMD LED PLCC-2
31-Aug-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
Standard SMD LED PLCC-2
16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
Standard SMD LED PLCC-2
28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
Standard SMD LED PLCC-2
30-Aug-07
VLMW41R2S2-5K8L-08 VISHAY-VLMW41R2S2-5K8L-08 Datasheet
178Kb / 9P
Standard SMD LED PLCC-2
23-Oct-07
VLMY31 VISHAY-VLMY31 Datasheet
940Kb / 7P
Standard SMD LED PLCC-2
26-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMB31J2L2-GS08 TO-GRACE-VLMB31J2L2-GS08 Datasheet
641Kb / 7P
Standard SMD LED PLCC-2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com