Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB4000DQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI3USB4000DQ
Description  Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB4000DQ Datasheet(HTML) 2 Page - Diodes Incorporated

  PI3USB4000DQ Datasheet HTML 1Page - Diodes Incorporated PI3USB4000DQ Datasheet HTML 2Page - Diodes Incorporated PI3USB4000DQ Datasheet HTML 3Page - Diodes Incorporated PI3USB4000DQ Datasheet HTML 4Page - Diodes Incorporated PI3USB4000DQ Datasheet HTML 5Page - Diodes Incorporated PI3USB4000DQ Datasheet HTML 6Page - Diodes Incorporated PI3USB4000DQ Datasheet HTML 7Page - Diodes Incorporated PI3USB4000DQ Datasheet HTML 8Page - Diodes Incorporated PI3USB4000DQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
PI3USB4000DQ
A Product Line of
Diodes Incorporated
www.diodes.com
January 2021
Diodes Incorporated
PI3USB4000DQ
Document Number DS41993 Rev 1-2
Pin Configuration
1
2
3
4
5
6
7
8
9
10
L0+
L0-
L1+
L1-
SEL
C0+
C0-
REF
Pin#
Pin Name
Signal Type Description
8,
7
C0+,
C0–
I/O
Signal I/O, Common Port
3,
4
L1+,
L1–
I/O
Signal I/O, Channel 1
1,
2
L0+,
L0−
I/O
Signal I/O, Channel 0
9
SEL
I
Operation mode Select (when SEL=0: C0→L0, when SEL=1: C0→L1)
6
REF
PWR
Reference pin, tie to GND through cap*
10
VDD
PWR
Positive Supply Voltage
5
GND
PWR
Power ground
* The Cap on the REF pin required 1uF and 25V tolerance
Pin Description
Truth Table
Function
SEL
C0+/- to L0+/-
L
C0+/- to L1+/-
H



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com