Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3WVR13612ZLEX Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI3WVR13612ZLEX
Description  DisplayPort 1.3/1.4, HDMI 2.0 Video Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3WVR13612ZLEX Datasheet(HTML) 1 Page - Diodes Incorporated

  PI3WVR13612ZLEX Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A product Line of
Diodes Incorporated
diodes.com | 1-408-232-9100
PRODUCT BRIEF
PI3WVR13612
DisplayPort 1.3/1.4, HDMI 2.0 Video Switch
The PI3WVR13612 is a multi-standard video switch with wide
voltage range capability. It supports DisplayPort 1.3/1.4, HDMI
2.0, and emerging and proprietary standards.In addition to four
high-speed lanes, PI3WVR13612 also switches AUX, DDC, and
HPD signals.
PI3WVR13612 can pass high-speed signals up to 1.2 V
peak-to-peak differential with a common-mode voltage from 0 to
3.4V. The wide voltage range allows DC-coupled multi-standard
operation. Eliminating AC coupling capacitors saves board space
and improves signal integrity for dense PCB designs.
Applications
Features
Description
¼
¼
Routing of DisplayPort and HDMI signals with low signal
attenuation between source and sink.
¼
¼
DisplayPort 1.3/1.4, HDMI 2.0 Electrical standard compatible
¼
¼
4-lane, 1:2 and 2:1 switches that support RBR, HBR1, HBR2
and HBR3
¼
¼
Data rate: 8.1 Gbps for high-speed channels
¼
¼
1-channel 1:2 and 2:1 switches for HPD signal
¼
¼
Differential switch matrix for DP AUX and HDMI DDC
¼
¼
Supports 720 Mbps high-speed DP AUX
¼
¼
-1.6 dB Insertion Loss for high-speed channels @ 4.05 GHz
¼
¼
-3 dB Bandwidth for high-speed channels: 7 GHz
¼
¼
Return loss for high-speed channels @ 4.05 GHz: -11 dB
¼
¼
Low Crosstalk for high-speed channels: -35 dB@ 4.05 GHz
¼
¼
Low Off Isolation for high-speed channels: -20dB@ 4.05 GHz
¼
¼
Low channel-to-channel skew, 35ps max
¼
¼
Low Bit-to-Bit Skew, 5ps typ (between ‘+’ and ‘-’ bits)
¼
¼
VDD Operating Range: 3.3V +/-10%
¼
¼
ESD Tolerance: 1.5kV HBM
¼
¼
Packaging (Pb-free & Green):
-52-pin TQFN (ZL)
Page 1 of 1
Ordering Information
Part Number
Package
Description
PI3WVR13612ZLEX
ZL
52-Pin, 3.5 x 9.0 mm (TQFN)
Block Diagram
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/
EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead-free/ for more information
about Diodes Incorporated’s definitions of Halogen- and Antimony-
free, “Green” and Lead-free. Thermal characteristics can be found on
the company web site at www.diodes.com/design/support/packaging/
3. E = Pb-free and Green
4. X suffix = Tape/Reel
Logic
Control
D0+A
D0+
D0-A
D0-
D1+A
D1+
D1-A
D1-
D2+A
D2+
D0-A
D2-
D3+A
D3+
D3-A
D3-
D0+B
D0-B
D1+B
D1-B
D2+B
D2-B
D3+B
D3-B
DDC_AUX_SEL
GPU_SEL
OE
AUX+A
AUX+
AUX+B
SCL_A
SCL_B
SCL
AUX-A
AUX-
AUX-B
SDA_A
SDA_B
SDA
HPD
HPDA
HPDB


Similar Part No. - PI3WVR13612ZLEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3WVR12412 PERICOM-PI3WVR12412 Datasheet
1Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
logo
Diodes Incorporated
PI3WVR12412 DIODES-PI3WVR12412 Datasheet
1Mb / 14P
HDMI 2.0, DisplayPort 1.2 Video Switch
November 2021
logo
Pericom Semiconductor C...
PI3WVR12412ZHE PERICOM-PI3WVR12412ZHE Datasheet
1Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
logo
Diodes Incorporated
PI3WVR12412ZHEX DIODES-PI3WVR12412ZHEX Datasheet
1Mb / 14P
HDMI 2.0, DisplayPort 1.2 Video Switch
November 2021
logo
Pericom Semiconductor C...
PI3WVR12612 PERICOM-PI3WVR12612 Datasheet
2Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
More results

Similar Description - PI3WVR13612ZLEX

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9334 SILICONIMAGE-SII9334 Datasheet
109Kb / 2P
HDMI 1.4 Transmitter
SII9387 SILICONIMAGE-SII9387 Datasheet
299Kb / 2P
HDMI 1.4 Port Processor
logo
Assmann Electronics Inc...
DK-330500-000-S ASSMANN-DK-330500-000-S Datasheet
286Kb / 2P
HDMI Adapter, Typ A Bu/Bu, komp. zu ehem. HDMI 1.3/1.4, sw
logo
Tripp Lite. All Rights ...
P136000UHDV2 TRIPPLITE-P136000UHDV2 Datasheet
508Kb / 2P
DisplayPort to HDMI 4K Video Adapter, DP 1.2 to HDMI Active Audio - Video Converter
logo
Pericom Semiconductor C...
PI3WVR12412 PERICOM-PI3WVR12412 Datasheet
1Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
PI3WVR12612 PERICOM-PI3WVR12612 Datasheet
2Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
logo
List of Unclassifed Man...
MCDP2900 ETC2-MCDP2900 Datasheet
138Kb / 7P
DisplayPort 1.4 to HDMI 2.0a protocol converter
logo
IOGEAR
GDP14RPT IOGEAR-GDP14RPT Datasheet
150Kb / 2P
DisplayPort 1.4 8K Repeater
GDP14SW2 IOGEAR-GDP14SW2 Datasheet
150Kb / 2P
2-Port 8K DisplayPort 1.4 Switch
logo
Diodes Incorporated
PI3WVR12412 DIODES-PI3WVR12412 Datasheet
1Mb / 14P
HDMI 2.0, DisplayPort 1.2 Video Switch
November 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com