Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4IOE5V6416Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI4IOE5V6416Q
Description  Low-Voltage Translating 16-bit I2C-bus I/O Expander
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI4IOE5V6416Q Datasheet(HTML) 2 Page - Diodes Incorporated

  PI4IOE5V6416Q Datasheet HTML 1Page - Diodes Incorporated PI4IOE5V6416Q Datasheet HTML 2Page - Diodes Incorporated PI4IOE5V6416Q Datasheet HTML 3Page - Diodes Incorporated PI4IOE5V6416Q Datasheet HTML 4Page - Diodes Incorporated PI4IOE5V6416Q Datasheet HTML 5Page - Diodes Incorporated PI4IOE5V6416Q Datasheet HTML 6Page - Diodes Incorporated PI4IOE5V6416Q Datasheet HTML 7Page - Diodes Incorporated PI4IOE5V6416Q Datasheet HTML 8Page - Diodes Incorporated PI4IOE5V6416Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PI4IOE5V6416Q
www.diodes.com
December 2020
Document Number DS42666 Rev 2-2
2
© Diodes Incorporated
PI4IOE5V6416Q
Pin Configuration
Pin Description
Pin Name
Pin#
Description
INT
1
Interrupt output. Connect to VDD(I2C-bus) or VDD(P) through a pull-up resistor.
VDD(I2C_bus)
2
Supply voltage of I2C-bus. Connect directly to the VDD of the external I2C master. Provides voltage-
level translation.
RESET
3
Active LOW reset input. Connect to VDD(I2C-bus) through a pull-up resistor if no active connection is
used.
P0_0
4
Port 0 input/output 0.
P0_1
5
Port 0 input/output 1.
P0_2
6
Port 0 input/output 2.
P0_3
7
Port 0 input/output 3.
P0_4
8
Port 0 input/output 4.
P0_5
9
Port 0 input/output 5.
P0_6
10
Port 0 input/output 6.
P0_7
11
Port 0 input/output 7.
VSS
12
Ground
P1_0
13
Port 1 input/output 0.
P1_1
14
Port 1 input/output 1.
P1_2
15
Port 1 input/output 2.
P1_3
16
Port 1 input/output 3.
P1_4
17
Port 1 input/output 4.
P1_5
18
Port 1 input/output 5.
P1_6
19
Port 1 input/output 6.
P1_7
20
Port 1 input/output 7.
ADDR
21
Address input. Connect directly to VDD(P) or ground.
SCL
22
Serial clock bus. Connect to VDD(I2C-bus) through a pull-up resistor.
SDA
23
Serial data bus. Connect to VDD(I2C-bus) through a pull-up resistor.
VDD(P)
24
Supply voltage of PI4IOE5V6416Q for Port P.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com