Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM5SDO2DTRFS Datasheet(PDF) 1 Page - Schneider Electric

Part # TM5SDO2DTRFS
Description  Discrete output module, Modicon TM5, relay 2O, 24V DC/230 V AC, 6 A, relay, 2 NO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM5SDO2DTRFS Datasheet(HTML) 1 Page - Schneider Electric

  TM5SDO2DTRFS Datasheet HTML 1Page - Schneider Electric TM5SDO2DTRFS Datasheet HTML 2Page - Schneider Electric TM5SDO2DTRFS Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
Discrete output module, Modicon
TM5, relay 2O, 24V DC/230 V AC, 6
A, relay, 2 NO
TM5SDO2DTRFS
Main
Range of product
Modicon TM5
Product or component type
Discrete output module
Discrete output number
2
Discrete output type
Relay
Complementary
Range compatibility
PacDrive LMC motion controller
Product compatibility
PacDrive LMC Pro 2
PacDrive LMC Pro
PacDrive LMC Eco
Output voltage
24 V DC
230 V AC
Output voltage limits
5...230 V AC
5...24 V DC
Discrete output function
2 NO
Current per channel
6 A
Colour
Red
Response time
<= 50 ms
Protection type
Reverse polarity protection
Without short-circuit protection
Without overload protection
Isolation
No insulation between channels
500 Vrms AC insulation between channel and bus
Maximum power consumption in
W
1.15 W for internal
0.26 W for bus
Maximum power dissipation in
W
2.3 W
Marking
CE
Safety level
SIL 3 conforming to IEC 61508
SIL 3 conforming to IEC 62061
PL = e conforming to EN 13849-1
Safety reliability data
MTTFd > 100 years
PFD < 1E-5
PFH < 1E-9
B10d = 780000 utilisation category DC-1, 24 V, <6 A
B10d = 780000 utilisation category AC-1, 230 V, <6 A
B10d = 1960000 utilisation category AC-15, 230 V, <3 A
B10d = 780000 utilisation category DC-15, 24 V, <5 A
 
Apr 8, 2022
1


Similar Part No. - TM5SDO2DTRFS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM5SDO2R SCHNEIDER-TM5SDO2R Datasheet
246Kb / 7P
Discrete output module, Modicon TM5, digital 2O, 30 V DC/230 V AC, 5 A, relay, 2 C/O
Apr 6, 2022
TM5SDO2S SCHNEIDER-TM5SDO2S Datasheet
213Kb / 5P
Discrete output module, Modicon TM5, digital 2O, 100 to 240 V AC, 1 A, 3 wires
Apr 6, 2022
TM5SDO2TAFS SCHNEIDER-TM5SDO2TAFS Datasheet
265Kb / 7P
Safety dc discrete output module, Modicon TM5, digital 2O, 24V 2 A
Apr 8, 2022
TM5SDO2TFS SCHNEIDER-TM5SDO2TFS Datasheet
265Kb / 7P
Safety dc discrete output module, Modicon TM5, digital 2O, 24V 0,5 A
Apr 8, 2022
More results

Similar Description - TM5SDO2DTRFS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM5SDO2R SCHNEIDER-TM5SDO2R Datasheet
246Kb / 7P
Discrete output module, Modicon TM5, digital 2O, 30 V DC/230 V AC, 5 A, relay, 2 C/O
Apr 6, 2022
TM5SDO2S SCHNEIDER-TM5SDO2S Datasheet
213Kb / 5P
Discrete output module, Modicon TM5, digital 2O, 100 to 240 V AC, 1 A, 3 wires
Apr 6, 2022
TM5SDO4R SCHNEIDER-TM5SDO4R Datasheet
242Kb / 7P
Discrete output module, Modicon TM5, digital 4O, 30 V DC/230 V AC, 5 A, relay, 4 C/O
Apr 6, 2022
TM5SDM4DTRFS SCHNEIDER-TM5SDM4DTRFS Datasheet
270Kb / 7P
Safety discrete I/O module, Modicon TM5, digital 2I, 2O, 24V DC, 6 A, relay n/o
Apr 8, 2022
TM5SDM8TBFS SCHNEIDER-TM5SDM8TBFS Datasheet
126Kb / 3P
Safety discrete I/O module, Modicon TM5, digital 6I, 2O, 24V DC
Apr 8, 2022
TM5SDO2TAFS SCHNEIDER-TM5SDO2TAFS Datasheet
265Kb / 7P
Safety dc discrete output module, Modicon TM5, digital 2O, 24V 2 A
Apr 8, 2022
TM5SDO2TFS SCHNEIDER-TM5SDO2TFS Datasheet
265Kb / 7P
Safety dc discrete output module, Modicon TM5, digital 2O, 24V 0,5 A
Apr 8, 2022
TM5SDO4TAFS SCHNEIDER-TM5SDO4TAFS Datasheet
268Kb / 7P
Safety dc discrete output module, Modicon TM5, digital 4O, 24V 2 A
Apr 8, 2022
TM5SDO4TFS SCHNEIDER-TM5SDO4TFS Datasheet
268Kb / 7P
Safety dc discrete output module, Modicon TM5, digital 4O, 24V 0,5 A
Apr 8, 2022
TM5SDO6TBFS SCHNEIDER-TM5SDO6TBFS Datasheet
117Kb / 3P
Safety dc discrete output module, Modicon TM5, digital 6O, 24V 0,2 A
Apr 8, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com