Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM5SDO2TFS Datasheet(PDF) 1 Page - Schneider Electric

Part # TM5SDO2TFS
Description  Safety dc discrete output module, Modicon TM5, digital 2O, 24V 0,5 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM5SDO2TFS Datasheet(HTML) 1 Page - Schneider Electric

  TM5SDO2TFS Datasheet HTML 1Page - Schneider Electric TM5SDO2TFS Datasheet HTML 2Page - Schneider Electric TM5SDO2TFS Datasheet HTML 3Page - Schneider Electric TM5SDO2TFS Datasheet HTML 4Page - Schneider Electric TM5SDO2TFS Datasheet HTML 5Page - Schneider Electric TM5SDO2TFS Datasheet HTML 6Page - Schneider Electric TM5SDO2TFS Datasheet HTML 7Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product data sheet
Specifications
Safety dc discrete output module,
Modicon TM5, digital 2O, 24V 0,5 A
TM5SDO2TFS
Main
Range of product
Modicon TM5
Product or component type
Safety dc discrete output module
Discrete output number
2
Discrete output type
Solid state
Complementary
Range compatibility
PacDrive LMC motion controller
Product compatibility
PacDrive LMC Pro 2
PacDrive LMC Pro
PacDrive LMC Eco
Output voltage
24 V DC
Output voltage limits
20.4...28.8 V
Discrete output logic
Source
Current per channel
0.5 A
Maximum current per output
common
1 A
Colour
Red
Peak output current
12 A
Switching frequency
<= 500 Hz resistive load
[Ures] residual voltage
120 mV without OSSD
Maximum leakage current
10 µA when switched off
Protection type
Short-circuit protection
Overload protection
Isolation
500 Vrms AC insulation between channel and bus
No insulation between channels
Maximum power consumption in
W
0.25 W for bus
0.98 W for internal
Local signalling
1 LED green for power supply
1 LED red for power supply
2 LEDs red for safety status
2 LEDs red/orange for output status
Electrical connection
2 wires
Marking
CE
Safety level
SIL 3 conforming to IEC 61508
SIL 3 conforming to IEC 62061
 
Apr 8, 2022
1


Similar Part No. - TM5SDO2TFS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM5SDO2TAFS SCHNEIDER-TM5SDO2TAFS Datasheet
265Kb / 7P
Safety dc discrete output module, Modicon TM5, digital 2O, 24V 2 A
Apr 8, 2022
More results

Similar Description - TM5SDO2TFS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM5SDI20DFS SCHNEIDER-TM5SDI20DFS Datasheet
125Kb / 3P
Safety dc discrete input module, Modicon TM5, digital 20I, 24V sink
Apr 8, 2022
TM5SDI2DFS SCHNEIDER-TM5SDI2DFS Datasheet
266Kb / 7P
Safety dc discrete input module, Modicon TM5, digital 2I, 24V sink
Apr 8, 2022
TM5SDI4DFS SCHNEIDER-TM5SDI4DFS Datasheet
268Kb / 7P
Safety dc discrete input module, Modicon TM5, digital 4I, 24V sink
Apr 8, 2022
TM5SDM4DTRFS SCHNEIDER-TM5SDM4DTRFS Datasheet
270Kb / 7P
Safety discrete I/O module, Modicon TM5, digital 2I, 2O, 24V DC, 6 A, relay n/o
Apr 8, 2022
TM5SDM8TBFS SCHNEIDER-TM5SDM8TBFS Datasheet
126Kb / 3P
Safety discrete I/O module, Modicon TM5, digital 6I, 2O, 24V DC
Apr 8, 2022
TM5SDO2DTRFS SCHNEIDER-TM5SDO2DTRFS Datasheet
125Kb / 3P
Discrete output module, Modicon TM5, relay 2O, 24V DC/230 V AC, 6 A, relay, 2 NO
Apr 8, 2022
TM5SDO2TAFS SCHNEIDER-TM5SDO2TAFS Datasheet
265Kb / 7P
Safety dc discrete output module, Modicon TM5, digital 2O, 24V 2 A
Apr 8, 2022
TM5SDO4TAFS SCHNEIDER-TM5SDO4TAFS Datasheet
268Kb / 7P
Safety dc discrete output module, Modicon TM5, digital 4O, 24V 2 A
Apr 8, 2022
TM5SDO4TFS SCHNEIDER-TM5SDO4TFS Datasheet
268Kb / 7P
Safety dc discrete output module, Modicon TM5, digital 4O, 24V 0,5 A
Apr 8, 2022
TM5SDO6TBFS SCHNEIDER-TM5SDO6TBFS Datasheet
117Kb / 3P
Safety dc discrete output module, Modicon TM5, digital 6O, 24V 0,2 A
Apr 8, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com