Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3261E/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3261E/D
Description  Single 5V, Fully Integrated, 1.25Gbps Laser Diode Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3261E/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3261E/D Datasheet HTML 1Page - Maxim Integrated Products MAX3261E/D Datasheet HTML 2Page - Maxim Integrated Products MAX3261E/D Datasheet HTML 3Page - Maxim Integrated Products MAX3261E/D Datasheet HTML 4Page - Maxim Integrated Products MAX3261E/D Datasheet HTML 5Page - Maxim Integrated Products MAX3261E/D Datasheet HTML 6Page - Maxim Integrated Products MAX3261E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3261E/D Datasheet HTML 8Page - Maxim Integrated Products MAX3261E/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Single +5V, Fully Integrated,
1.25Gbps Laser Diode Driver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = VCCA = VCCB = +4.75V to +5.25V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and
TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
Supply Voltages (VCCA, VCCB) ...............................-0.3V to 6V
VIN+, VIN-, FAILOUT...............................................0V to VCC_
OUT+, OUT-, IBIASOUT .......................................1.5V to VCC_
ENB+, ENB- .......................VCC_ or 5.5V, whichever is smaller
Differential Input Voltage (
|VIN+ - VIN-|) ...........................3.8V
Input Current
IBIASOUT ............................................................0mA to 75mA
OUT+, OUT- ........................................................0mA to 40mA
IBIASSET ........................................................0mA to 1.875mA
IMODSET...............................................................0mA to 2mA
IPIN, IPINSET, OSADJ...........................................0mA to 2mA
FAILOUT..............................................................0mA to 10mA
IBIASFB................................................................-2mA to 2mA
Output Current
VREF1, VREF2.....................................................0mA to 20mA
SLWSTRT ..............................................................0mA to 5mA
Continuous Power Dissipation (TA = +70°C)
TQFP (derate 10.2mW/°C above +70°C)......................816mW
Operating Temperature Ranges
MAX3261CCJ ......................................................0°C to +70°C
MAX3261ECJ ...................................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-55°C to +175°C
Processing Temperature (die) .........................................+400°C
TA = +25°C
(Note 2)
CONDITIONS
mA
12
IREF
Available Reference Current
V
3.15
3.3
3.55
VREF
mA
60
IBIAS
Range of Programmable Laser
Bias Current
Reference Voltage
V
0.8
VIL
TTL Input Low
mA
50
IVCC
Supply Current
V
VCC - 1.165
VIH
PECL Input High
V
VCC - 1.475
VIL
PECL Input Low
V
2
VIH
TTL Input High
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
AC ELECTRICAL CHARACTERISTICS
(VCC = VCCA = VCCB = +4.75V to +5.25V, RLOAD (at OUT+ and OUT-) = 25
Ω connected to VCC, TA = -40°C to +85°C, unless other-
wise noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 3)
Minimum differential input
swing is 1100mVp-p (Note 4)
CONDITIONS
mA
30
IMOD
Range of Programmable
Modulation Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
IBIAS = 25mA, IMOD = 12mA, 4ns unit
interval; measured from 10% to 90%.
ps
250
tR, tF
Modulation-Current Rise and
Fall Time
IMOD = 12mA,
TA = +25°C
%
±10
Aberrations, Rising and Falling
Edge
IBIAS = 25mA, IMOD = 12mA, 4ns unit interval
ps
80
PWD
Modulation-Current Pulse-
Width Distortion
±15
Loaded with 2.7k
Ω pull-up resistor to VCC
V
4.5
VOH
FAILOUT Output High
Loaded with 2.7k
Ω pull-up resistor to VCC
V
0.5
VOL
FAILOUT Output Low
Note 1: Dice are tested at TA = +25°C.
Note 2: IVCC = IVCCA + IVCCB, IBIAS = 60mA, IMOD = 30mA, and IPIN = 140
µA.
Note 3: AC characteristics are guaranteed by design and characterization.
Note 4: An 1100mVp-p differential is equivalent to complementary 550mVp-p signals on VIN+ and VIN-.
MAX3261E/D
MAX3261ECJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com