Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSV5100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLSV5100
Description  Bicolor Symbol LED in 2.5 mm x 5 mm Untinted Top-Diffused Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLSV5100 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLSV5100 Datasheet HTML 1Page - Vishay Siliconix TLSV5100 Datasheet HTML 2Page - Vishay Siliconix TLSV5100 Datasheet HTML 3Page - Vishay Siliconix TLSV5100 Datasheet HTML 4Page - Vishay Siliconix TLSV5100 Datasheet HTML 5Page - Vishay Siliconix TLSV5100 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLSV5100
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 23-May-13
2
Document Number: 83052
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) In one packing unit IVmin./IVmax.  0.5
Note
(1) In one packing unit IVmin./IVmax.  0.5
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Power Dissipation vs. Ambient Temperature
Fig. 2 - Forward Current vs. Ambient Temperature for InGaN
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) 
TLSV5100R, RED
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 10 mA
lV
0.63
1
-
mcd
Dominant wavelength
IF = 10 mA
d
612
-
625
nm
Peak wavelength
IF = 10 mA
p
-
635
-
nm
Angle of half intensity
IF = 10 mA
-± 50
-
deg
Forward voltage
IF = 20 mA
VF
-2.0
3.0
V
Reverse voltage
IR = 10 μA
VR
615
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50
-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) 
TLSV5100G, GREEN
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 10 mA
lV
0.63
1
-
mcd
Dominant wavelength
IF = 10 mA
d
562
-
575
nm
Peak wavelength
IF = 10 mA
p
-
565
-
nm
Angle of half intensity
IF = 10 mA
-± 50
-
deg
Forward voltage
IF = 20 mA
VF
-2.4
3.0
V
Reverse voltage
IR = 10 μA
VR
615
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50
-
pF
95 9983
0
25
50
75
125
100
T
amb - Ambient Temperature (°C)
020
40
60
80
100
0
10
20
30
40
60
T
amb - Ambient Temperature (°C)
95 9984
50
0
20
40
60
80
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com