Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLWR7600 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLWR7600
Description  TELUX LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLWR7600 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLWR7600 Datasheet HTML 1Page - Vishay Siliconix TLWR7600 Datasheet HTML 2Page - Vishay Siliconix TLWR7600 Datasheet HTML 3Page - Vishay Siliconix TLWR7600 Datasheet HTML 4Page - Vishay Siliconix TLWR7600 Datasheet HTML 5Page - Vishay Siliconix TLWR7600 Datasheet HTML 6Page - Vishay Siliconix TLWR7600 Datasheet HTML 7Page - Vishay Siliconix TLWR7600 Datasheet HTML 8Page - Vishay Siliconix TLWR7600 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLWR7600, TLWY7600
www.vishay.com
Vishay Semiconductors
Rev. 3.2, 07-Oct-15
2
Document Number: 83138
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Luminous flux is tested at a current pulse duration of 25 ms and
an accuracy of ± 11 %.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each tube (there will be no mixing of two groups on
each tube).
In order to ensure availability, single brightness groups will not
be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
in any one tube.
In order to ensure availability, single wavelength groups will not
be orderable.
Note
• Wavelengths are tested at a current pulse duration of 25 ms and
an accuracy of ± 1 nm.
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLWR7600, RED
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Total flux
IF = 70 mA, RthJA = 200 K/W
φV
1500
2800
-
mlm
Luminous intensity/total flux
IF = 70 mA, RthJA = 200 K/W
IV/
φV
-0.8
-
mcd/mlm
Dominant wavelength
IF = 70 mA, RthJA = 200 K/W
λd
611
618
634
nm
Peak wavelength
IF = 70 mA, RthJA = 200 K/W
λp
-
626
-
nm
Angle of half intensity
IF = 70 mA, RthJA = 200 K/W
ϕ
-± 30
-
deg
Total included angle
90 % of total flux captured
ϕ0.9 V
-75-
deg
Forward voltage
IF = 70 mA, RthJA = 200 K/W
VF
1.83
2.2
2.67
V
Reverse voltage
IR = 10 μA
VR
10
20
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-17-
pF
Temperature coefficient of
λdom
IF = 50 mA
TC
λdom
-0.05
-
nm/K
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLWY7600, YELLOW
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Total flux
IF = 70 mA, RthJA = 200 K/W
φV
1000
2800
-
mlm
Luminous intensity/total flux
IF = 70 mA, RthJA = 200 K/W
IV/
φV
-0.8
-
mcd/mlm
Dominant wavelength
IF = 70 mA, RthJA = 200 K/W
λd
585
592
597
nm
Peak wavelength
IF = 70 mA, RthJA = 200 K/W
λp
-
595
-
nm
Angle of half intensity
IF = 70 mA, RthJA = 200 K/W
ϕ
-± 30
-
deg
Total included angle
90 % of total flux captured
ϕ0.9 V
-75-
deg
Forward voltage
IF = 70 mA, RthJA = 200 K/W
VF
1.83
2.1
2.67
V
Reverse voltage
IR = 10 μA
VR
10
15
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-32-
pF
Temperature coefficient of
λdom
IF = 50 mA
TC
λdom
-0.1
-
nm/K
LUMINOUS FLUX CLASSIFICATION
GROUP
LUMINOUS FLUX (mlm)
STANDARD
MIN.
MAX.
B
1000
1800
C
1500
2400
D
2000
3000
E
2500
3600
F
3000
4200
G
3500
4800
H
4000
6100
I
5000
7300
COLOR CLASSIFICATION
GROUP
DOM. WAVELENGTH (nm)
YELLOW
RED
MIN.
MAX.
MIN.
MAX.
0
585
588
1
587
591
611
618
2
589
594
614
622
3
592
597
616
634



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com