Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2901123 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2901123
Description  Housing - ME MAX 45 PLATE KMGY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2901123 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2901123 Datasheet HTML 1Page - PHOENIX CONTACT 2901123 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/2901123
11/05/2018   Page 1 / 2
Housing - ME MAX 45 PLATE KMGY - 2901123
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Component housing, color: light gray
Your advantages
 Item is from the ME-MAX product range
 Easy mounting
 Available in overall widths from 6.2 mm to 90 mm, modular extension is possible
 Inflammability class V0 according to UL 94
 Variety of connection technologies
 Can be mounted on the DIN rail
 Optional with bus connector for DIN rail mounting as well as power connection system
Key Commercial Data
Packing unit
10 pc
Minimum order quantity
10 pc
GTIN
GTIN
4046356353601
Technical data
General
Housing type
Component housing
Housing material
Polyamide
Color (RAL)
light gray
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Approvals
Approvals
Approvals
UL Recognized


Similar Part No. - 2901123

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2901103 PHOENIX-2901103 Datasheet
57Kb / 2P
Memory block - IFS-CONFSTICK-L
09/12/2020
2901103 PHOENIX-2901103 Datasheet
540Kb / 22P
QUINT-UPS/ 24DC/ 24DC/20 - Uninterruptible power supply
Mar 11, 2024, 9:56 AM
2901107 PHOENIX-2901107 Datasheet
52Kb / 2P
Components of electronic housing - ME MAX 22,5 PLATEKMGY
11/05/2018
2901110 PHOENIX-2901110 Datasheet
182Kb / 5P
ME MAX 35 PLATE KMGY - Insertion plate
2901149 PHOENIX-2901149 Datasheet
309Kb / 8P
ME 35 UTG RD - Mounting base housing
More results

Similar Description - 2901123

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2869430 PHOENIX-2869430 Datasheet
58Kb / 4P
Electronic housing - ME 12,5 UT KMGY
2200384 PHOENIX-2200384 Datasheet
80Kb / 3P
Headers for ME/ME MAX electronics housing
2907761 PHOENIX-2907761 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-MSTBO KMGY
2914877 PHOENIX-2914877 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-1MSTBO KMGY
2199650 PHOENIX-2199650 Datasheet
60Kb / 3P
Filler plugs - ME MAX TBUS BS KMGY
09/12/2020
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
2890975 PHOENIX-2890975 Datasheet
52Kb / 2P
Electronic housing - ME MAX 45 MT 3-3 KMGY
09/12/2018
2869511 PHOENIX-2869511 Datasheet
226Kb / 11P
Mounting base housing - ME 45 UT TBUS KMGY
11/25/2021
2890852 PHOENIX-2890852 Datasheet
136Kb / 4P
Housing part - ME MAX 35 MT 2-2 KMGY
11/25/2021
2200637 PHOENIX-2200637 Datasheet
139Kb / 4P
Housing part - ME MAX 45 MT G 3-3 KMGY
11/25/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com