Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD3552R Datasheet(PDF) 42 Page - Analog Devices

Part # AD3552R
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 42 Page - Analog Devices

Back Button AD3552R Datasheet HTML 38Page - Analog Devices AD3552R Datasheet HTML 39Page - Analog Devices AD3552R Datasheet HTML 40Page - Analog Devices AD3552R Datasheet HTML 41Page - Analog Devices AD3552R Datasheet HTML 42Page - Analog Devices AD3552R Datasheet HTML 43Page - Analog Devices AD3552R Datasheet HTML 44Page - Analog Devices AD3552R Datasheet HTML 45Page - Analog Devices AD3552R Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
Data Sheet
AD3552R
REGISTERS
analog.com
Rev. A | 42 of 68
Table 17. Detailed Register Summary
Reg Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
0x1E CH1_GAIN
[7:0]
CH1_RANG
E_OVERRID
E
CH1_GAIN_SCALING_N
CH1_GAIN_SCALING_P
CH1_OFFS
ET_POLARI
TY
RESERVED
0x00
R/W
0x28 HW_LDAC_16B
[7:0]
RESERVED
HW_LDAC_
MASK_CH1
HW_LDAC_
MASK_CH0
0x00
R/W
0x2A CH0_DAC_16B
[15:8]
DAC_DATA0[15:8]
0x00
R/W
0x29
[7:0]
DAC_DATA0[7:0]
0x00
0x2C CH1_DAC_16B
[15:8]
DAC_DATA1[15:8]
0x00
R/W
0x2B
[7:0]
DAC_DATA1[7:0]
0x00
0x2E DAC_PAGE_16B
[15:8]
DAC_PAGE[15:8]
0x00
R/W
0x2D
[7:0]
DAC_PAGE[7:0]
0x00
0x2F CH_SELECT_16B [7:0]
RESERVED
SEL_CH1
SEL_CH0
0x00
R/W
0x31 INPUT_PAGE_16
B
[15:8]
INPUT_PAGE[15:8]
0x00
R/W
0x30
[7:0]
INPUT_PAGE[7:0]
0x00
0x32 SW_LDAC_16B
[7:0]
RESERVED
SW_LDAC_
CH1
SW_LDAC_
CH0
0x00
W
0x34 CH0_INPUT_16B
[15:8]
INPUT_DATA0[15:8]
0x00
R/W
0x33
[7:0]
INPUT_DATA0[7:0]
0x00
0x36 CH1_INPUT_16B
[15:8]
INPUT_DATA1[15:8]
0x00
R/W
0x35
[7:0]
INPUT_DATA1[7:0]
0x00
0x37 HW_LDAC_24B
[7:0]
RESERVED
HW_LDAC_
MASK_CH1
HW_LDAC_
MASK_CH0
0x00
R/W
0x3A CH0_DAC_24B
23:16]
DAC_DATA0[15:8]
0x00
R/W
0x39
[15:8]
DAC_DATA0[7:0]
0x00
0x38
[7:0]
RESERVED
0x00
0x3D CH1_DAC_24B
[23:16]
DAC_DATA1[15:8]
0x00
R/W
0x3C
[15:8]
DAC_DATA1[7:0]
0x00
0x3B
[7:0]
RESERVED
0x00
0x40 DAC_PAGE_24B
[23:16]
DAC_PAGE[15:8]
0x00
R/W
0x3F
[15:8]
DAC_PAGE[7:0]
0x00
0x3E
[7:0]
RESERVED
0x00
0x41 CH_SELECT_24B [7:0]
RESERVED
SEL_CH1
SEL_CH0
0x00
R/W
0x44 INPUT_PAGE_24
B
[23:16]
INPUT_PAGE[15:8]
0x00
R/W
0x43
[15:8]
INPUT_PAGE[7:0]
0x00
0x42
[7:0]
RESERVED
0x00
0x45 SW_LDAC_24B
[7:0]
RESERVED
SW_LDAC_
CH1
SW_LDAC_
CH0
0x00
W
0x48 CH0_INPUT_24B
[23:16]
INPUT_DATA0[15:8]
0x00
R/W
0x47
[15:8]
INPUT_DATA0[7:0]
0x00
0x46
[7:0]
RESERVED
0x00
0x4B CH1_INPUT_24B
[23:16]
INPUT_DATA1[15:8]
0x00
R/W
0x4A
[15:8]
INPUT_DATA1[7:0]
0x00
0x49
[7:0]
RESERVED
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com