Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8065 Datasheet(PDF) 62 Page - Analog Devices

Part # AD8065
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD8065 Datasheet HTML 58Page - Analog Devices AD8065 Datasheet HTML 59Page - Analog Devices AD8065 Datasheet HTML 60Page - Analog Devices AD8065 Datasheet HTML 61Page - Analog Devices AD8065 Datasheet HTML 62Page - Analog Devices AD8065 Datasheet HTML 63Page - Analog Devices AD8065 Datasheet HTML 64Page - Analog Devices AD8065 Datasheet HTML 65Page - Analog Devices AD8065 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
Data Sheet
AD3552R
REGISTERS
analog.com
Rev. A | 62 of 68
Table 52. Bit Descriptions for HW_LDAC_24B
Bits
Bit Name
Settings
Description
Reset
Access
0 Data is latched in DAC Register 0 when the LDAC pin is asserted.
1 LDAC signal masked for Channel 0. DAC register is not updated when
LDAC is asserted.
DAC Register for Channel 0, Precision Mode
Address: 0x38, Reset: 0x000000, Name: CH0_DAC_24B
This register contains the data currently played on DAC Channel 0.
Table 53. Bit Descriptions for CH0_DAC_24B
Bits
Bit Name
Settings
Description
Reset
Access
[23:8]
DAC_DATA0
Channel 0 DAC Data.
0x0
R/W
[7:0]
RESERVED
Reserved.
0x0
R
DAC Register for Channel 1, Precision Mode
Address: 0x3B, Reset: 0x000000, Name: CH1_DAC_24B
This register contains the data currently played on DAC Channel 1.
Table 54. Bit Descriptions for CH1_DAC_24B
Bits
Bit Name
Settings
Description
Reset
Access
[23:8]
DAC_DATA1
Channel 1 DAC Data.
0x0
R/W
[7:0]
RESERVED
Reserved.
0x0
R
DAC Page Register, Precision Mode
Address: 0x3E, Reset: 0x000000, Name: DAC_PAGE_24B
This register is used to write data to one or both channels according to the configuration of the SEL_CHx bits in the CH_SELECT_24B register.
It can be used to write both channels simultaneously without using the LDAC signal.
Table 55. Bit Descriptions for DAC_PAGE_24B
Bits
Bit Name
Settings
Description
Reset
Access
[23:8]
DAC_PAGE
DAC Page Data. Following a write to this register, the DAC code loaded into this register is
copied into the DAC register of any channels selected in the CH_SELECT_24B register.
0x0
R/W
[7:0]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com