Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

190893 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 190893
Description  Differential pressure regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

190893 Datasheet(HTML) 1 Page - Festo Corporation.

  190893 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Differential pressure regulator
LRL-1/8-NPT-QS-1/4-U
Part number: 190893
Data sheet
Feature
Value
Controller function
Differential pressure constant
Pneumatic connection 1
1/8 NPT
Pneumatic connection 2
QS-1/4
Type of mounting
Screw-in
Inlet pressure 1 MPa
0 MPa ... 0.9 MPa
Inlet pressure 1
0 bar ... 9 bar
Inlet pressure 1 psi
0 psi ... 130.5 psi
Ambient temperature
0 °C ... 60 °C
Housing material
PBT-reinforced
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Mounting position
Any
Symbol
00991535
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
LABS conformity
VDMA24364-B1/B2-L
Product weight
22 g
Material of screwed trunnion
Brass
Note on materials
RoHS-compliant
4/19/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 190893

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
190890 FESTO-190890 Datasheet
96Kb / 1P
Differential pressure regulator
4/19/22
190891 FESTO-190891 Datasheet
96Kb / 1P
Differential pressure regulator
4/19/22
190892 FESTO-190892 Datasheet
96Kb / 1P
Differential pressure regulator
4/19/22
190894 FESTO-190894 Datasheet
96Kb / 1P
Differential pressure regulator
4/19/22
190895 FESTO-190895 Datasheet
96Kb / 1P
Differential pressure regulator
4/19/22
More results

Similar Description - 190893

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
153499 FESTO-153499 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153501 FESTO-153501 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153502 FESTO-153502 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153504 FESTO-153504 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153513 FESTO-153513 Datasheet
92Kb / 1P
Differential pressure regulator
4/19/22
153519 FESTO-153519 Datasheet
92Kb / 1P
Differential pressure regulator
4/19/22
190892 FESTO-190892 Datasheet
96Kb / 1P
Differential pressure regulator
4/19/22
190901 FESTO-190901 Datasheet
96Kb / 1P
Differential pressure regulator
4/19/22
190902 FESTO-190902 Datasheet
95Kb / 1P
Differential pressure regulator
4/19/22
190912 FESTO-190912 Datasheet
95Kb / 1P
Differential pressure regulator
4/19/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com