Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3603 Datasheet(PDF) 1 Page - ams AG

Part # AS3603
Description  Multi-Standard Power Management Unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3603 Datasheet(HTML) 1 Page - ams AG

  AS3603 Datasheet HTML 1Page - ams AG AS3603 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
austriamicrosystems
AS3603
Multi-Standard Power Management Unit
Fact Sheet
Copyright © 1997-2004, austriamicrosystems AG, Schloss Premstaetten, 8141 Unterpremstaetten, Austria-Europe.
www.austriamicrosystems.com
Revision 2.0
1 - 2
1 General Description
The AS3603 is a highly-integrated
, ultra-flexible CMOS power
management device designed specifically for portable devices
such as any standard of mobile phones, PDAs, CD players,
digital cameras and other devices powered by 1-cell lithium-
based or 3- 4-cell nickel-based batteries.
The device incorporates low dropout regulators (LDOs),
DC/DC converters, a complete battery charger, and an
audio power amplifier onto one die.
The linear analog LDOs feature extremely high perfor-
mance regarding:
!
Noise – typ 30
µVRMS from 100Hz to 100kHz
!
Line/Load Regulation – < 1mV static and < 10mV tran-
sient
!
Power Supply Rejection – > 70dB @ 1kHz
The integrated Step Down DC/DC Converter does not
require an external Schottky diode yet provides very high
efficiency (up to 95%) throughout the whole operating
range. It can be either used as a stand-alone device or as a
pre-regulator for LDOs to increase overall device efficiency.
A Step Up DC/DC Converter is included to supply power for
white LEDs together with programmable current sources to
control LED brightness.
A low-distortion audio power amplifier (1 Watt @ 8
Ω) sup-
ports handsfree mobile phone operation and HiFi ring-
tones.
The device also features a chemistry-independent battery
charger including fuel gauge circuitry, automatic trickle
charging, programmable constant current, constant voltage
and pulse charging.
The AS3603 is controlled via a serial interface and inte-
grates all necessary system specific functions such as
Reset, Watchdog, and Power-On Detection.
Regulator output voltages are programmable by software.
Eight preset startup timings can be selected by an external
resistor.
This data sheet is applicable for device versions:
!
AS3603-FxC
!
AS3603-GxC
2 Key Features
!
Ten Programmable High Performance LDOs
- 2 Digital Low Power LDOs (0.75-2.5V, 200mA)
- 3 RF Low Noise LDOs (1.85 - 3.4V, 150mA)
- 2 RF Low Noise LDOs (1.85 - 3.4V, 75mA)
- 1 SIM Low Power LDO (3.0V, 20mA)
- 1 Periphery Low Noise LDO (2.5 - 3.2V, 150mA)
- 1 Low Power LDO (2.5V, 10mA)
!
Programmable High Efficiency DC/DC Converters
- Step Down: 1.0 - 3.0V, up to 500mA
- Step Up: 15V, 45mA, (for White LEDs)
!
Stereo Audio Power Amplifier
-0.5W @ 4
Ω -stereo
-1W @ 8
Ω -bridged
- Digital Volume Control, 3dB Steps
- Click- and Pop-Less Start-Up and Power-Down
!
Complete Chemistry-Independent Battery Charger
- Integrated Fuel Gauge
- Automatic Trickle Charging
- Programmable Constant Current Charging
- Programmable Constant Voltage Charging
- Programmable Pulse Charging
- Safety Functions (Low Battery Shutdown)
- Operation without Battery
- No-Battery detection
!
Four 8-Bit Programmable Current Sources
(0.625mA - 160mA) support:
- Buzzer
-Vibrator
-LEDs
!
Wide Battery Supply Range 3.0V - 5.5V
!
Four General Purpose Switches (1
Ω and 2Ω)
!
Four Programmable General Purpose I/O Pins
!
On-Chip Bandgap Tuning for High Accuracy (+/-1%)
!
Integrated Programmable Watchdog (7.5 - 1900ms)
!
Programmable Reset (10 - 110ms)
!
Shutdown Current typ 7
µA (2.5V Always On)
!
Overcurrent and Thermal Protection
!
0.35
µ CMOS Solution
!
48-pin, 6x6mm QFN Package (0.4mm pitch)
!
48-pin, 7x7mm QFN Package (0.5mm pitch)
!
2.1 Watt Power Dissipation @ TAMBIENT = 70ºC
3 Application
Multi-standard power management for mobile phones,
PDAs, and 1-cell Li+ or 3 to 4-cell Ni-Mh powered devices.


Similar Part No. - AS3603

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3604 AMSCO-AS3604 Datasheet
214Kb / 4P
Momentary Power Loss Detection, synchronous DCDC and increased driving capability of the LDOs
AS3606 AMSCO-AS3606 Datasheet
4Mb / 71P
System PMU with HV Back Light Driver
AS3606-BQFP-00 AMSCO-AS3606-BQFP-00 Datasheet
4Mb / 71P
System PMU with HV Back Light Driver
AS3606-BQFP-FF AMSCO-AS3606-BQFP-FF Datasheet
4Mb / 71P
System PMU with HV Back Light Driver
AS3606-BQFP-xx AMSCO-AS3606-BQFP-xx Datasheet
4Mb / 71P
System PMU with HV Back Light Driver
More results

Similar Description - AS3603

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
Advanced Power Management Unit
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
Power Management Unit
logo
Texas Instruments
TPS658310 TI1-TPS658310 Datasheet
141Kb / 6P
Power Management Unit
LM26484 TI1-LM26484_13 Datasheet
2Mb / 25P
LM26484 Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
Advanced Power Management Unit
logo
Infineon Technologies A...
IRPS5401 INFINEON-IRPS5401 Datasheet
1Mb / 62P
Flexible Power Management Unit
V 2.8 2022-07-06
logo
Vaisala
PMU701 VAISALA-PMU701 Datasheet
300Kb / 3P
Power Management Unit PMU701
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com