Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906834 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2906834
Description  Surge protection device - TTC-6-TVSD-D-24DC-UT-I
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906834 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2906834 Datasheet HTML 1Page - PHOENIX CONTACT 2906834 Datasheet HTML 2Page - PHOENIX CONTACT 2906834 Datasheet HTML 3Page - PHOENIX CONTACT 2906834 Datasheet HTML 4Page - PHOENIX CONTACT 2906834 Datasheet HTML 5Page - PHOENIX CONTACT 2906834 Datasheet HTML 6Page - PHOENIX CONTACT 2906834 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
https://www.phoenixcontact.com/pi/products/2906834
03/25/2022   Page 2 / 7
Surge protection device - TTC-6-TVSD-D-24DC-UT-I - 2906834
Technical data
General
Flammability rating according to UL 94
V-0
Color
traffic grey A RAL 7042
Mounting type
DIN rail: 35 mm
Type
DIN rail module, one-piece 
Direction of action
Line-Line
Protective circuit
IEC test classification
C3
Nominal voltage UN
24 V DC
Maximum continuous voltage UC
30 V DC
21 V AC
Rated current
10 A (60 °C)
Operating effective current IC at UC
≤ 5 µA
Nominal discharge current In (8/20) µs (line-line)
150 A
Voltage protection level Up (line-line)
≤ 50 V (C3 - 25 A)
≤ 50 V (C3 - 30 A)
Response time tA (line-line)
≤ 1 ns
Input attenuation aE, sym.
typ. 0.3 dB (≤ 520 kHz / 150 Ω)
Cut-off frequency fg (3 dB), sym. in 150 Ω system
typ. 1.7 MHz
Capacity (line-line)
1.5 nF
Resistance per path
≤ 100 mΩ
Surge protection fault message
optical
Impulse durability (line-line)
C3 - 30 A
Connection data
Connection method
Screw connection
Screw thread
M3
Tightening torque
0.5 Nm ... 0.6 Nm
Stripping length
8 mm
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section solid
0.2 mm² ... 4 mm²
Conductor cross section AWG
24 ... 12
Standards and Regulations
Standards/specifications
IEC 61643-21 2000 + corrigendum 2001 + A1:2008, modified + A2:2012
EN 61643-21 2001 + A1:2009 + A2:2013
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50 years
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com