Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906835 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2906835
Description  Surge protection device - TTC-6-TVSD-D-48DC-UT-I
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906835 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2906835 Datasheet HTML 1Page - PHOENIX CONTACT 2906835 Datasheet HTML 2Page - PHOENIX CONTACT 2906835 Datasheet HTML 3Page - PHOENIX CONTACT 2906835 Datasheet HTML 4Page - PHOENIX CONTACT 2906835 Datasheet HTML 5Page - PHOENIX CONTACT 2906835 Datasheet HTML 6Page - PHOENIX CONTACT 2906835 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/pi/products/2906835
03/25/2022   Page 1 / 7
Surge protection device - TTC-6-TVSD-D-48DC-UT-I - 2906835
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Fine surge protection with integrated status indicator for a 2-wire floating signal circuit.
Your advantages
 Space-saving and cost-saving with a narrow overall width of just 6 mm
 Continuous monitoring of protective devices, plus mechanical status indicator with optional remote signaling
 Finding the right product for all possible requirements in MCR applications is easy, thanks to the complete range of products with customized
features
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626136912
Technical data
Dimensions
Height
92 mm
Width
6.2 mm
Depth
69.5 mm (incl. DIN rail 7.5 mm)
Ambient conditions
Ambient temperature (operation)
-40 °C ... 85 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Permissible humidity (operation)
5 % ... 95 %
Altitude
≤ 4000 m (amsl (above mean sea level))
Degree of protection
IP20 (with end cover)
General
Housing material
PBT


Similar Part No. - 2906835

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906830 PHOENIX-2906830 Datasheet
50Kb / 3P
Housing upper part, for printed circuit terminal block connection
2906831 PHOENIX-2906831 Datasheet
504Kb / 8P
TTC-6-TVSD-C-24DC-UT-I - Surge protection device
2906832 PHOENIX-2906832 Datasheet
504Kb / 8P
TTC-6-TVSD-C-48DC-UT-I - Surge protection device
2906834 PHOENIX-2906834 Datasheet
345Kb / 7P
Surge protection device - TTC-6-TVSD-D-24DC-UT-I
03/25/2022
2906837 PHOENIX-2906837 Datasheet
504Kb / 8P
TTC-6-MOV-C-24DC-UT-I - Surge protection device
More results

Similar Description - 2906835

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2794709 PHOENIX-2794709 Datasheet
97Kb / 6P
Surge protection device - TT-UK5/ 48DC
2906805 PHOENIX-2906805 Datasheet
124Kb / 4P
Surge protection device - TTC-6-2X1-24DC-PT
09/21/2018
2906834 PHOENIX-2906834 Datasheet
345Kb / 7P
Surge protection device - TTC-6-TVSD-D-24DC-UT-I
03/25/2022
2906848 PHOENIX-2906848 Datasheet
336Kb / 7P
Surge protection device - TTC-6-TVSD-C-24DC-PT-I
03/25/2022
2906851 PHOENIX-2906851 Datasheet
332Kb / 7P
Surge protection device - TTC-6-TVSD-D-24DC-PT-I
03/25/2022
2906861 PHOENIX-2906861 Datasheet
336Kb / 7P
Surge protection device - TTC-6-GDT-C-110AC-PT-I
03/25/2022
2907325 PHOENIX-2907325 Datasheet
133Kb / 8P
Surge protection device - TTC-3-1X2-24DC-PT
09/12/2020
1316312 PHOENIX-1316312 Datasheet
616Kb / 9P
EMC filter surge protection device - TTC-6-SFP-24ACPT
Nov 3, 2022
1334594 PHOENIX-1334594 Datasheet
514Kb / 12P
Surge protection device - TTC-6P-4X1-24-PT-I
Nov 16, 2022
1334595 PHOENIX-1334595 Datasheet
516Kb / 13P
Surge protection device - TTC-6P-2X2-24-PT-I
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com