Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906848 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2906848
Description  Surge protection device - TTC-6-TVSD-C-24DC-PT-I
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906848 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2906848 Datasheet HTML 1Page - PHOENIX CONTACT 2906848 Datasheet HTML 2Page - PHOENIX CONTACT 2906848 Datasheet HTML 3Page - PHOENIX CONTACT 2906848 Datasheet HTML 4Page - PHOENIX CONTACT 2906848 Datasheet HTML 5Page - PHOENIX CONTACT 2906848 Datasheet HTML 6Page - PHOENIX CONTACT 2906848 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
https://www.phoenixcontact.com/pi/products/2906848
03/25/2022   Page 3 / 7
Surge protection device - TTC-6-TVSD-C-24DC-PT-I - 2906848
Diagram
T [°C]
6
4
2
8
10
40
90
70
50
60
80
Dimensional drawing
92
6,2
Circuit diagram
3
4
1
2
unprotected
protected
Classifications
eCl@ss
eCl@ss 10.0.1
27130807
eCl@ss 11.0
27130807
eCl@ss 4.0
27140201
eCl@ss 4.1
27130801
eCl@ss 5.0
27130801
eCl@ss 5.1
27130801
eCl@ss 6.0
27130800
eCl@ss 7.0
27130807
eCl@ss 9.0
27130807
ETIM
ETIM 2.0
EC000943
ETIM 3.0
EC000943
ETIM 4.0
EC000943
ETIM 6.0
EC000943
ETIM 7.0
EC000943
UNSPSC
UNSPSC 6.01
30212010
UNSPSC 7.0901
39121610
UNSPSC 11
39121610
UNSPSC 12.01
39121610
UNSPSC 13.2
39121620
UNSPSC 18.0
39121620
UNSPSC 19.0
39121620



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com