Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906861 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2906861
Description  Surge protection device - TTC-6-GDT-C-110AC-PT-I
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906861 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2906861 Datasheet HTML 1Page - PHOENIX CONTACT 2906861 Datasheet HTML 2Page - PHOENIX CONTACT 2906861 Datasheet HTML 3Page - PHOENIX CONTACT 2906861 Datasheet HTML 4Page - PHOENIX CONTACT 2906861 Datasheet HTML 5Page - PHOENIX CONTACT 2906861 Datasheet HTML 6Page - PHOENIX CONTACT 2906861 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
https://www.phoenixcontact.com/pi/products/2906861
03/25/2022   Page 2 / 7
Surge protection device - TTC-6-GDT-C-110AC-PT-I - 2906861
Technical data
General
Flammability rating according to UL 94
V-0
Color
traffic grey A RAL 7042
Mounting type
DIN rail: 35 mm
Type
DIN rail module, one-piece 
Direction of action
Line-Earth Ground
Protective circuit
IEC test classification
C1
C2
C3
D1
Nominal voltage UN
110 V AC
Maximum continuous voltage UC
130 V AC
Rated current
2 A (60 °C)
Operating effective current IC at UC
≤ 1 µA
Residual current IPE
≤ 1 µA
Nominal discharge current In (8/20) µs (line-earth)
5 kA
Pulse discharge current Iimp (10/350) µs (line-earth)
0.5 kA
Voltage protection level Up (line-earth)
≤ 800 V (C1 - 2 kV)
≤ 1 kV (C2 - 10 kV)
≤ 800 V (C3 - 25 A)
≤ 900 V (C3 - 100 A)
Response time tA (line-earth)
≤ 100 ns
Input attenuation aE, asym.
typ. 0.3 dB (≤ 8 MHz / 150 Ω)
typ. 0.3 dB (≤ 30 MHz / 50 Ω)
Cut-off frequency fg (3 dB), asym. (PE) in 50 Ω system
typ. 130 MHz
Cut-off frequency fg (3 dB), asym. (PE) in 150 Ω system
typ. 25 MHz
Capacity (line-earth)
5 pF
Resistance per path
≤ 100 mΩ
Surge protection fault message
optical
Impulse durability (line-earth)
C1 - 1 kA
C2 - 5 kA
C3 - 100 A
D1 - 500 A
Pulse reset time (line-earth)
≤ 1 ms
Connection data
Connection method
Push-in connection
Stripping length
8 mm
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section solid
0.2 mm² ... 4 mm²



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com