Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5675KFF0VMS2R Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPC5675KFF0VMS2R
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5675KFF0VMS2R Datasheet(HTML) 3 Page - NXP Semiconductors

  MPC5675KFF0VMS2R Datasheet HTML 1Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 2Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 3Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 4Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 5Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 6Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 7Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 8Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 147 page
background image
Introduction
MPC5675K Microcontroller Data Sheet, Rev. 9
NXP Semiconductors
3
Modules
(cont.)
External Bus Interface
(EBI)
1 module5
16-bit Data + Address or 32-bit Data with Address bus muxed8
Fast Ethernet Controller
(FEC)
1 module
Fault Collection and
Control Unit (FCCU)
1 module
FlexCAN
4 modules (32 message buffers each)
FlexPWM
3 modules (each 4 × 3 channels)
FlexRay
Optional
I2C
2 modules6
3 modules
Interrupt Controller
(INTC)
Yes (SoR)
LINFlex
3 modules7
4 modules
Parallel Data Interface
(PDI)
1 module8
Periodic Interrupt Timer
(PIT)
1 module, 4 channels
Software Watchdog
Timer (SWT)
Yes (SoR)
System Timer Module
(STM)
Yes (SoR)
Temperature sensor
1 module
Wakeup Unit (WKPU)
Yes
Crossbar switch (XBAR)
3 modules, 2 are user-configurable
Clocking
Clock monitor unit
(CMU)
3 modules
Frequency-modulated
phase-locked loop
(FMPLL)
2 modules (system and auxiliary)
IRCOSC – 16 MHz
1
XOSC 4–40 MHz
1
Supply
Power management unit
(PMU)
Yes
1.2 V low-voltage
detector (LVD12)
1
1.2 V high-voltage
detector (HVD12)
1
2.7 V low-voltage
detector (LVD27)
4
Debug
Nexus
Class 3+ (for cores and SRAM ports)
Table 1. MPC5675K family device comparison (continued)
Features
MPC5673K
MPC5674K
MPC5675K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com