Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLDY1235 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # VLDY1235
Description  Dome Lens SMD LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLDY1235 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button VLDY1235 Datasheet HTML 5Page - Vishay Siliconix VLDY1235 Datasheet HTML 6Page - Vishay Siliconix VLDY1235 Datasheet HTML 7Page - Vishay Siliconix VLDY1235 Datasheet HTML 8Page - Vishay Siliconix VLDY1235 Datasheet HTML 9Page - Vishay Siliconix VLDY1235 Datasheet HTML 10Page - Vishay Siliconix VLDY1235 Datasheet HTML 11Page - Vishay Siliconix VLDY1235 Datasheet HTML 12Page - Vishay Siliconix VLDY1235 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
VLDS1235.., VLDR1235.., VLDK1235.., VLDY1235..
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 07-Jun-17
11
Document Number: 84280
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TAPING AND REEL DIMENSIONS in millimeters: VLD.1235R-08 (reverse gullwing)
COVER TAPE PEEL STRENGTH
According to DIN EN 60286-3
0.1 N to 1.3 N
300 ± 10 mm/min
165° to 180° peel angle
LABEL
Standard bar code labels for finished goods
The standard bar code labels are product labels and used
for identification of goods. The finished goods are packed in
final packing area. The standard packing units are labeled
with standard bar code labels before transported as finished
goods to warehouses. The labels are on each packing unit
and contain Vishay Semiconductor GmbH specific data.
Drawing-No.: 9.800-5138.01-4
Issue: 1; 17.03.16
Terminal position in tape
Reel
Technical drawings
according to DIN
specifications
12.4
+2
0
Unreel direction
Label posted here
Tape position
coming out from reel
1500 pcs / reel
X
Leader and trailer tape
Parts mounted
Empty leader (400 mm min.)
Empty trailer (160 mm min.)
Direction of pulling out
Lead I
Lead II
Cathode
Anode
Device
VLDY153.R...-08
VLDK153.R...-08
VLDR153.R...-08
VLDS153.R...-08
3.05 ± 0.1
X 2:1
I
II
2 ± 0.05
4 ± 0.1
4 ± 0.1
Ø 1.55 ± 0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com