Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMA3100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMA3100
Description  Low Current SMD LED PLCC-2
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMA3100 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMA3100 Datasheet HTML 1Page - Vishay Siliconix VLMA3100 Datasheet HTML 2Page - Vishay Siliconix VLMA3100 Datasheet HTML 3Page - Vishay Siliconix VLMA3100 Datasheet HTML 4Page - Vishay Siliconix VLMA3100 Datasheet HTML 5Page - Vishay Siliconix VLMA3100 Datasheet HTML 6Page - Vishay Siliconix VLMA3100 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VLMA3100, VLMA3101
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 04-Dec-2019
2
Document Number: 81709
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1)
Driving the LED in reverse direction is suitable for short term application
Note
(1)
In one packing unit IVmax./IVmin.
≤ 2.0
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 11 %.
The above Type Numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each reel (there will be no mixing of two groups on
each reel). In order to ensure availability, single brightness
groups will not be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
on any one reel.
In order to ensure availability, singe wavelength groups will not
be orderable
Note
• Wavelengths are tested at a current pulse duration of 25 ms
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLMA3100, VLMA3101
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
6V
DC forward current
IF
7mA
Surge forward current
tp
≤ 10 μs
IFSM
0.5
A
Power dissipation
PV
20
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-40 to +100
°C
Soldering temperature
t
≤ 5 s
Tsd
260
°C
Thermal resistance junction-to-ambient Mounted on PC board (pad size > 16 mm2)RthJA
500
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMA3100, VLMA3101, YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 2 mA
VLMA3100
IV
0.28
0.8
-
mcd
VLMA3101
IV
0.56
-
1.4
mcd
Dominant wavelength
IF = 2 mA
λd
581
588
594
nm
Peak wavelength
IF = 2 mA
λp
-
585
-
nm
Angle of half intensity
IF = 2 mA
ϕ
-± 60
-
°
Forward voltage
IF = 2 mA
VF
-2.2
2.9
V
Reverse voltage
IR = 10 μA
VR
620
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50
-
pF
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY (mcd)
MIN.
MAX.
C1
0.28
0.36
C2
0.36
0.45
D1
0.45
0.56
D2
0.56
0.71
E1
0.71
0.90
E2
0.90
1.12
F1
1.12
1.40
F2
1.40
1.80
COLOR CLASSIFICATION
GROUP
YELLOW
DOMINANT WAVELENGTH (nm)
MIN.
MAX.
1
581
584
2
583
586
3
585
588
4
587
590
5
589
592
6
591
594



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com