Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLHW4100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLHW4100
Description  Ultrabright White LED, Ø 3 mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLHW4100 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLHW4100 Datasheet HTML 1Page - Vishay Siliconix VLHW4100 Datasheet HTML 2Page - Vishay Siliconix VLHW4100 Datasheet HTML 3Page - Vishay Siliconix VLHW4100 Datasheet HTML 4Page - Vishay Siliconix VLHW4100 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VLHW4100, VLHW4101-YLWU
www.vishay.com
Vishay Semiconductors
Not for New Designs
Rev. 1.4, 19-Aug-2020
2
Document Number: 85198
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Chromaticity coordinate groups are tested at a current pulse direction of 25 ms and a tolerance of ± 0.01.
Note
• Luminous intensity is tested with an accuracy of ± 15 %.
The above type Numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each reel (there will be no mixing of two groups on
each reel). In order to ensure availability, single brightness
groups will not be orderable.
In a similar manner for colors where color groups are measured
and binned, single color groups will be shipped on any one reel.
In order to ensure availability, single color groups will not be
orderable.
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLHW4100, VLHW4101-YLWU, WHITE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
VLHW4100
IV
4500
7150
11 250
mcd
VLHW4101-YLWU
IV
5600
8400
11 250
mcd
Chromatically coordinate x acc. to CIE 1931
IF = 20 mA
VLHW4100
x
-
0.33
-
VLHW4101-YLWU
x
-
0.31
-
Chromatically coordinate y acc. to CIE 1931
IF = 20 mA
VLHW4100
y
-
0.33
-
VLHW4101-YLWU
y
-
0.32
-
Angle of half intensity
IF = 20 mA
ϕ
-
± 22.5
-
°
Forward voltage
IF = 20 mA
VF
2.8
3.2
3.8
V
Reverse current
VR = 5 V
IR
-
-
50
μA
Temperature coefficient of VF
IF = 20 mA
TCVF
-- 4-
mV/K
Temperature coefficient of IV
IF = 20 mA
TCIV
-
- 0.5
-
%/K
CHROMATICALLY COORDINATED CLASSIFICATION
XY
XY
YU
0.274
0.301
WL
0.317
0.325
0.283
0.284
0.319
0.310
0.307
0.316
0.329
0.319
0.303
0.333
0.329
0.336
YL
0.283
0.284
VU
0.329
0.354
0.290
0.270
0.329
0.336
0.310
0.299
0.345
0.350
0.307
0.316
0.347
0.368
XU
0.303
0.333
VL
0.329
0.336
0.307
0.316
0.329
0.319
0.317
0.325
0.343
0.331
0.315
0.343
0.345
0.350
XL
0.307
0.316
UU
0.347
0.368
0.310
0.299
0.345
0.350
0.319
0.310
0.361
0.365
0.317
0.325
0.364
0.383
WU
0.315
0.343
UL
0.345
0.350
0.317
0.325
0.343
0.331
0.329
0.336
0.357
0.343
0.329
0.354
0.361
0.365
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
MIN.
MAX.
Z1
4500
5600
Z2
5600
7150
AA
7150
9000
AB
9000
11 250



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com