Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2747 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2747
Description  Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2747 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM2747 Datasheet HTML 15Page - National Semiconductor (TI) LM2747 Datasheet HTML 16Page - National Semiconductor (TI) LM2747 Datasheet HTML 17Page - National Semiconductor (TI) LM2747 Datasheet HTML 18Page - National Semiconductor (TI) LM2747 Datasheet HTML 19Page - National Semiconductor (TI) LM2747 Datasheet HTML 20Page - National Semiconductor (TI) LM2747 Datasheet HTML 21Page - National Semiconductor (TI) LM2747 Datasheet HTML 22Page - National Semiconductor (TI) LM2747 Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Example Circuits (Continued)
PART
PART NUMBER
TYPE
PACKAGE
DESCRIPTION
VENDOR
U1
LM2747
Synchronous
Controller
TSSOP-14
NSC
Q1
FDS6898A
Dual N-MOSFET
SO-8
20V, 10 m
Ω @ 4.5V, 16
nC
Fairchild
D1
MBR0520LTI
Schottky Diode
SOD-123
L1
DO3316P-682
Inductor
6.8 µH, 4.4Arms, 27 m
Ω Coilcraft
C
IN1
16SP100M
Aluminum
Electrolytic
10mm x 6mm
100 µF, 16V, 2.89Arms
Sanyo
C
O1
10SP56M
Aluminum
Electrolytic
6.3mm x 6mm
56 µF, 10V 1.7Arms
Sanyo
C
CC,CBOOT,
C
IN2, CO2
VJ1206Y104KXXA
Capacitor
1206
0.1 µF, 10%
Vishay
C
C3
VJ0805Y182KXXA
Capacitor
0805
1800 pF, 10%
Vishay
C
SS
VJ0805A123KXAA
Capacitor
0805
12 nF, 10%
Vishay
C
C2
VJ0805A821KXAA
Capacitor
0805
820 pF 10%
Vishay
C
C1
VJ0805A330KXAA
Capacitor
0805
33 pF, 10%
Vishay
R
FB2
CRCW08051002F
Resistor
0805
10.0 k
Ω 1%
Vishay
R
FB1
CRCW08053161F
Resistor
0805
3.16 k
Ω 1%
Vishay
R
FADJ
CRCW08051003F
Resistor
0805
100 k
Ω 1%
Vishay
R
C2
CRCW08051301F
Resistor
0805
1.3 k
Ω 1%
Vishay
R
CS
CRCW08052101F
Resistor
0805
2.1 k
Ω 1%
Vishay
R
CC
CRCW080510R0F
Resistor
0805
10.0
Ω 1%
Vishay
R
C1
CRCW08053322F
Resistor
0805
33.2 k
Ω 1%
Vishay
R
PULL-UP
CRCW08051003J
Resistor
0805
100 k
Ω 5%
Vishay
C
CLK
VJ0805A560KXAA
Capacitor
0805
56 pF, 10%
Vishay
20150933
FIGURE 18. 5V to 2.5V @ 2A, f
SW = 300 kHz
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com