Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMB41 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMB41
Description  Standard SMD LED PLCC-2
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMB41 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMB41 Datasheet HTML 1Page - Vishay Siliconix VLMB41 Datasheet HTML 2Page - Vishay Siliconix VLMB41 Datasheet HTML 3Page - Vishay Siliconix VLMB41 Datasheet HTML 4Page - Vishay Siliconix VLMB41 Datasheet HTML 5Page - Vishay Siliconix VLMB41 Datasheet HTML 6Page - Vishay Siliconix VLMB41 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VLMB41..
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 03-Aug-15
2
Document Number: 81641
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Not designed for reverse operation
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 11 %.
These type numbers represent the order groups which include
only a few brightness groups. Only one group will be shipped on
each reel (there will be no mixing of two groups on each reel). In
order to ensure availability, single brightness groups are not be
orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
on any one reel.
In order to ensure availability, single wavelength groups are not
be orderable.
Note
• Wavelengths are tested at a current pulse duration of 25 ms.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Relative Luminous Intensity vs. Angular Displacement
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMB41.., BLUE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX
UNIT
Luminous intensity
IF = 10 mA
VLMB41P1Q2
IV
45
90
112
mcd
VLMB41P2Q2
IV
56
90
112
mcd
Dominant wavelength
IF = 10 mA
λd
462
469
476
nm
Peak wavelength
IF = 10 mA
λp
-
464
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 60
-
deg
Forward voltage
IF = 20 mA
VF
-3.2
4.2
V
Temperature coefficient of VF
IF = 10 mA
TCVF
--3-
mV/K
Temperature coefficient of IV
IF = 10 mA
TCIV
-
-0.4
-
%/K
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
OPTIONAL
MIN.
MAX.
P
145
56
256
71
Q
171
90
2
90
112
COLOR CLASSIFICATION
GROUP
BLUE
DOM. WAVELENGTH (nm)
MIN.
MAX.
3
462
468
4
466
472
5
470
476
CROSSING TABLE
VISHAY
OSRAM
VLMB41..
LBT67C
0
10
20
30
0
20406080
100
T
amb - Ambient Temperature (°C)
20913
120
0.4
0.2
0
95 10319
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com