Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLME310 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLME310
Description  High Intensity SMD LED PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLME310 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLME310 Datasheet HTML 1Page - Vishay Siliconix VLME310 Datasheet HTML 2Page - Vishay Siliconix VLME310 Datasheet HTML 3Page - Vishay Siliconix VLME310 Datasheet HTML 4Page - Vishay Siliconix VLME310 Datasheet HTML 5Page - Vishay Siliconix VLME310 Datasheet HTML 6Page - Vishay Siliconix VLME310 Datasheet HTML 7Page - Vishay Siliconix VLME310 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VLME3100, VLME3105
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 23-Sep-2021
3
Document Number: 81231
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Relative Luminous Intensity vs. Angular Displacement
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 5 - Relative Luminous Intensity vs. Forward Current/Duty Cycle
Fig. 6 - Relative Luminous Intensity vs. Forward Current
0
5
10
15
20
25
30
35
40
0
1020
3040
5060
7080
90 100
Tamb - Ambient Temperature (°C)
16615
0.4
0.2
0
95 10319
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
1
10
100
1
1.5
2
2.5
3
VF - Forward Voltage (V)
95 10878
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
10 2030 4050 6070 8090 100
Tamb - Ambient Temperature (°C)
95 10880
I
F = 20 mA
0.0
0.4
0.8
1.2
1.6
2.0
110
96 11589
tp/T
IF (mA)
50
520
2
0.5
0.2
0.1 0.05
0.02
1
0.01
0.1
1
10
1
10
100
IF - Forward Current (mA)
9611588



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com